Selected language     English  ▼


B-106-1602 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-106-1602
Description  DURASEAL RING TERMINAL
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
300 Constitution Dr
Menlo Park, CA
94025, U.S.A.
TITLE:
DURASEAL RING TERMINAL
Unless otherwise specified dimensions are in millimeters.
[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
B - 1 0 6 - 1 X X X
TOLERANCES:
0.00 N/A
0.0 N/A
0 N/A
ANGLES: N/A
ROUGHNESS
IN MICRON
TE Connectivity reserves the right to amend
this drawing at any time. Users should
evaluate the suitability of the product for
their application.
REV:
B1
DATE:
April 15, 2011
REVISED BY:
HMR
CAGE CODE:
06090
ECO NUMBER:
ECO-11-005139
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2006.2011 Tyco Electronics Corporation, a TE Connectivity Ltd. Company. All Rights Reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Dimensions
Wire Dimensions
øG
Product
Name
øA
min
øB
nom
øC
nom
L
max
Color
(1)
Conductor
mm
2 (AWG)
min
max
B-106-1401
4.3 [0.170]
8.0 [0.315]
32.0 [1.260]
B-106-1501
5.3 [0.210]
10.0 [0.395]
34.0 [1.340]
B-106-1601
6.5 [0.255]
10.0 [0.395]
36.0 [1.420]
B-106-1801
8.4 [0.330]
14.0 [0.550]
39.0 [1.535]
B-106-1991
4.0
[0.160)
10.5 [0.415]
18.0 [0.710]
43.0 [1.695]
Red
0.5 - 1.0
(AWG 22-18)
1.4
[0.055]
4.0
[0.160]
B-106-1402
4.3 [0.170]
8.0 [0.315]
33.0 [1.300]
B-106-1502
5.3 [0.210]
10.0 [0.395]
33.0 [1.300]
B-106-1502-S
5.3 [0.210]
8.0 [0.315]
32.0 [1.260]
B-106-1602
6.5 [0.255]
11.0 [0.435]
36.5 [1.440]
B-106-1802
8.4 [0.330]
14.0 [0.550]
40.0 [1.575]
B-106-1992
4.6
[0.180)
10.5 [0.415]
18.0 [0.710]
44.0 [1.735]
Blue
1.5 - 2.5
(AWG 16-14)
2.0
[0.080]
4.6
[0.180]
B-106-1403
4.3 [0.170]
8.0 [0.315]
38.0 [1.495]
B-106-1503
5.3 [0.210]
10.0 [0.395]
40.0 [1.575]
B-106-1603
6.5 [0.255]
11.0 [0.435]
41.5 [1.635]
B-106-1803
8.4 [0.330]
14.0 [0.550]
45.0 [1.770]
B-106-1993
6.5
[0.255)
10.5 [0.415]
18.0 [0.710]
47.0 [1.850]
Yellow
3.0 – 6.0
(AWG 12-10)
2.8
[0.110]
6.5
[0.255]
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent color (1), radiation cross-linked modified polyamide with
thermoplastic adhesive coating inside.
2. RING TERMINAL: Tin plated copper alloy.
APPLICATION
1. These controlled crimp devices are designed to terminate a tin plated or bare copper stranded wire having an insulation rated
for at least 75C to a ring terminal. It will provide a splash proof and strain relief connection.
UL listed wire connection 91J4.
2. Temperature range: -55C to +125C.
3. For application tooling and installation, see RPIP-684-00.
For best results, prepare
the wire as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl