Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1.5SMCJ9.0-LFR Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 1.5SMCJ9.0-LFR
Description  1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1.5SMCJ9.0-LFR Datasheet(HTML) 3 Page - Frontier Electronics.

  1.5SMCJ9.0-LFR Datasheet HTML 1Page - Frontier Electronics. 1.5SMCJ9.0-LFR Datasheet HTML 2Page - Frontier Electronics. 1.5SMCJ9.0-LFR Datasheet HTML 3Page - Frontier Electronics. 1.5SMCJ9.0-LFR Datasheet HTML 4Page - Frontier Electronics. 1.5SMCJ9.0-LFR Datasheet HTML 5Page - Frontier Electronics. 1.5SMCJ9.0-LFR Datasheet HTML 6Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
1.5SMCJ5.0-LFR THRU 1.5SMCJ188A-LFR
Page: 3
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE V(BR) (VOLTS)
at IT
DEVICE
UNI
BI
WORKING
PEAK
REVERSE
VOLTAGE
VWM(VOLTS)
MIN
MAX
TEST
CURRENT
IT(mA)
MAXIMUM
Clamping
VOLTAGE
AT IPPM
VC(Volts)
(Note 5)
MAX
PEAK PULSE
SURGE CURRENT
IPPM
(NOTE 5)
(Amps)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID(μA)
1.5SMCJ51-LFR
1.5SMCJ51A-LFR
1.5SMCJ54-LFR
1.5SMCJ54A-LFR
1.5SMCJ58-LFR
1.5SMCJ58A-LFR
1.5SMCJ60-LFR
1.5SMCJ60A-LFR
1.5SMCJ64-LFR
1.5SMCJ64A-LFR
1.5SMCJ70-LFR
1.5SMCJ70A-LFR
1.5SMCJ75-LFR
1.5SMCJ75A-LFR
1.5SMCJ78-LFR
1.5SMCJ78A-LFR
1.5SMCJ85-LFR
1.5SMCJ85A-LFR
1.5SMCJ90-LFR
1.5SMCJ90A-LFR
1.5SMCJ100-LFR
1.5SMCJ100A-LFR
1.5SMCJ110-LFR
1.5SMCJ110A-LFR
1.5SMCJ120-LFR
1.5SMCJ120A-LFR
1.5SMCJ130-LFR
1.5SMCJ130A-LFR
1.5SMCJ150-LFR
1.5SMCJ150A-LFR
1.5SMCJ160-LFR
1.5SMCJ160A-LFR
1.5SMCJ170-LFR
1.5SMCJ170A-LFR
1.5SMCJ188-LFR
1.5SMCJ188A-LFR
GFY
GFZ
GGD
GGE
GGF
GGG
GGH
GGK
GGL
GGM
GGN
GGP
GGQ
GGR
GGS
GGT
GGU
GGV
GGW
GGX
GGY
GGZ
GHD
GHE
GHF
GHG
GHH
GHK
GHL
GHM
GHN
GHP
GHQ
GHR
GHT
GHS
BFY
BFZ
BGD
BGE
BGF
BGG
BGH
BGK
BGL
BGM
BGN
BGP
BGQ
BGR
BGS
BGT
BGU
BGV
BGW
BGX
BGY
BGZ
BHD
BHE
BHF
BHG
BHH
BHK
BHL
BHM
BHN
BHP
BHQ
BHR
GHT
GHS
51
51
54
54
58
58
60
60
64
64
70
70
75
75
78
78
85
85
90
90
100
100
110
110
120
120
130
130
150
150
160
160
170
170
188
188
56.7
56.7
60.0
60.0
64.4
64.4
66.7
66.7
71.1
71.1
77.8
77.8
83.3
83.3
86.7
86.7
94.4
94.4
100
100
111
111
122
122
133
133
144
144
167
167
178
178
189
189
209
209
69.3
62.7
73.3
66.3
78.7
71.2
81.5
73.7
86.9
78.6
95.1
86.0
102.0
92.1
106.0
95.8
115.0
104.0
122.0
111.0
136.0
123.0
149.0
135.0
163.0
147.0
176.0
159.0
204.0
185.0
218.0
197.0
231.0
209.0
255.0
231.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
91.1
82.4
96.3
87.1
103.0
93.0
107.0
96.0
114.0
103.0
125.0
113.0
134.0
121.0
139.0
126.0
151.0
137.0
160.0
146.0
179.0
162.0
196.0
177.0
214.0
193.0
231.0
209.0
268.0
243.0
287.0
259.0
304.0
275.0
344.0
328.0
16.5
18.2
15.6
17.2
14.6
16.0
14.0
15.5
13.2
14.6
12.0
13.3
11.2
12.4
10.8
11.9
9.9
10.9
9.4
10.3
8.4
9.3
7.7
8.5
7.0
7.8
6.5
7.2
5.6
6.2
5.2
5.8
4.9
5.5
4.4
4.6
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
5.0
NOTE:
1. VF=3.5V on 1.5SMCJ5.0 thru 90A devices and VF=5.0V on 1.5SMCJ100 thru 188A devices at IF=25A
on ½ Square or Equivalent Sine Wave. PW = 8.3ms, Duty Cycle = 4 Pulses per Minute Maximum
2. For Bipolar types with VR of 10 volts and under, the IR limit is doubled.
3. Mounted on 5.0mm
2 copper pads to each terminal.
4. For Bidirectional use C suffix for 10% tolerance, CA suffix for 5% tolerance.


Similar Part No. - 1.5SMCJ9.0-LFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1.5SMCJ9.0 PANJIT-1.5SMCJ9.0 Datasheet
83Kb / 4P
   SURFACE MOUNT TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 220 Volts 1500 Watt Peak Power Pulse)
logo
Diotec Semiconductor
1.5SMCJ9.0 DIOTEC-1.5SMCJ9.0 Datasheet
154Kb / 4P
   SMD Transient Voltage Suppresssor Diodes
logo
Won-Top Electronics
1.5SMCJ9.0 WTE-1.5SMCJ9.0 Datasheet
64Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Diotec Semiconductor
1.5SMCJ9.0 DIOTEC-1.5SMCJ9.0 Datasheet
165Kb / 4P
   Surface Mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Won-Top Electronics
1.5SMCJ9.0 WTE-1.5SMCJ9.0 Datasheet
80Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 1.5SMCJ9.0-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SMCJ5.0A DIODES-SMCJ5.0A Datasheet
144Kb / 5P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 17 - 2
SMCJ50CA DIODES-SMCJ50CA Datasheet
80Kb / 3P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 11 - 2
logo
Weitron Technology
1.5KE WEITRON-1.5KE Datasheet
239Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ45A-13 DIODES-SMCJ45A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ50CA DIODES-SMCJ50CA_1 Datasheet
82Kb / 4P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS19003 Rev. 15 - 2
logo
Weitron Technology
1.5SMC WEITRON-1.5SMC Datasheet
209Kb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ24A-13 DIODES-SMCJ24A-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ14CA-13 DIODES-SMCJ14CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ33CA-13 DIODES-SMCJ33CA-13 Datasheet
123Kb / 6P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5SMCJ WEITRON-1.5SMCJ Datasheet
2Mb / 4P
   1500W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
SMCJ12AT DIODES-SMCJ12AT Datasheet
49Kb / 1P
   1500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30150 Rev. B-5
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com