Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5344B Datasheet(PDF) 3 Page - Frontier Electronics.

Part # 1N5344B
Description  5 WATT SILICON ZENER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5344B Datasheet(HTML) 3 Page - Frontier Electronics.

  1N5344B Datasheet HTML 1Page - Frontier Electronics. 1N5344B Datasheet HTML 2Page - Frontier Electronics. 1N5344B Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5342B THRU 1N5388B
Page: 3
RATING AND CHARACTERISTIC CURVES 1N5342B THRU 1N5388B
100
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
Figure 10. Zener Voltage versus Zener Current
VZ=82 thru 200 Volts
80
100
120
140
160
180
200
220
1000
100
10
1
0.1
1
2
3
4
5
6
7
8
9
10
VZ, ZENER VOLTAGE (VOLTS)
Figure 8. Zener Voltage versus Zener Current
VZ=3.3 thru 10 Volts
T=25
Tc=25℃
1000
100
10
1
0.1
VZ, ZENER VOLTAGE (VOLTS)
Figure 9. Zener Voltage versus Zener Current
VZ=11 thru 75 Volts
10
20
30
40
50
60
70
80
T=25
30
20
10
5
2
1
0.5
0.2
0.1
1
10
100
1000
PW, PULSE WIDTH (ms)
Figure 7. Peak Surge Current versus Pulse Width
VZ=200V
VZ=3.3V
PLOTTED FROMINFORMATION
GIVEN IN FIGURE 6
40
20
10
4
2
1
0.4
0.2
0.1
3
4
6
810
20
30
40
60 80100
200
NOMINAL VZ(V)
Figure 6. Maximum Non-Repetitive Surge
Current versus Nominal Zener Voltage
PW=100ms
PW=1000ms
PW=8.3ms
PW=1ms
SQUARE WAVE


Similar Part No. - 1N5344B

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
1N5344B SUNMATE-1N5344B Datasheet
121Kb / 2P
   5Watts Axial Leaded Zener Diodes
logo
Motorola, Inc
1N5344B MOTOROLA-1N5344B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
TAITRON Components Inco...
1N5344B TAITRON-1N5344B Datasheet
189Kb / 5P
   5.0W Zener Diodes
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Guangdong Kexin Industr...
1N5344B KEXIN-1N5344B Datasheet
2Mb / 5P
   Zener Diodes
More results

Similar Description - 1N5344B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5333B FRONTIER-1N5333B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
   SILICON 5 WATT ZENER DIODES
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
ZSL30-6.8B FRONTIER-ZSL30-6.8B Datasheet
127Kb / 3P
   3 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com