Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5400 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1N5400
Description  3A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5400 Datasheet(HTML) 2 Page - Frontier Electronics.

  1N5400 Datasheet HTML 1Page - Frontier Electronics. 1N5400 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5400 THRU 1N5408
Page: 2
RATINGS AND CHARACTERISTIC CURVE 1N5400 THRU 1N5408
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
TJ=25℃
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, (V)
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100
TJ=25℃
FIG. 2 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01
.6
.8
1.0
1.2
1.4
1.5
INSTANTANEOUS FORWARD VOLTAGE, (V)
TJ=25℃
Pulse Width=300us
1% Duty Cycle
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
300
250
200
150
100
50
1
2
4
6
8 10
20
40
60
80100
NUMBER OF CYCLES AT 60HZ
8.3ms Single Half Sine-Wave
(JEDEC Method)
3
2
1
0
FIG. 1 - TYPICAL FORWARD CURRENT
DERATING CURVE
0 20
40 60
80
100 120 140 160 180 200
AMBIENT TEMPERATURE, (
℃)
5cm
With 63.5mmx 1.0
CU
NO HEAT SINK


Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Taiwan Memory Technolog...
1N5400 TMT-1N5400 Datasheet
173Kb / 4P
   3A, 50V - 1000V Silicon Rectifiers
More results

Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GP30-005R-LFR FRONTIER-GP30-005R-LFR Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
1N5400-LFR FRONTIER-1N5400-LFR Datasheet
122Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-005 FRONTIER-GP30-005 Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
GP30-005G FRONTIER-GP30-005G Datasheet
124Kb / 2P
   3A GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com