Selected language     English  ▼


B-106-3481 Datasheet(PDF) 1 Page - Tyco Electronics

Part No. B-106-3481
Description  DURASEAL PUSH-ON RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MACOM [Tyco Electronics]
Homepage  http://www.macom.com
Logo 

   
 1 page
background image
CUSTOMER DRAWING
TITLE:
DURASEAL PUSH-ON
RECEPTACLE
Unless otherwise specified dimensions are in
millimeters.[Inches dimensions are shown in brackets]
Raychem
Devices
DOCUMENT NO.:
B-106-3XXX
TOLERANCES:
0.00 ± 0.02 MM
0.0 ± 0.2 MM
0 ± 0.5 MM
ANGLES: ± 0°30’
ROUGHNESS
IN MICRON
Tyco Electronics Corporation reserves
the right to amend this drawing at any
time. Users should evaluate the
suitability of the product for their
application.
REV:
B
DATE:
December 7, 2011
PREPARED BY:
YNGUYEN
CAGE CODE:
06090
ECO NUMBER:
ECO-11-024145
SCALE:
NTS
SIZE:
A
SHEET:
1 of 1
© 2006-2011 Tyco Electronics Corporation. All rights reserved.
If this document is printed it becomes uncontrolled. Check for the latest revision.
Product Dimensions
Wire Dimensions
øG
Product
Name
øA
min
B
nom
C
nom
L
max
Color (1)
Size Range
mm
2 (AWG)
min
max
B-106-3631
4.00
[0.160]
6.60
[0.260]
0.80
[0.030]
30.00
[1.180]
Red
0.5 - 1.0
(AWG 22-18)
1.4
[0.055]
4.0
[0.160]
B-106-3632
4.60
[0.180]
6.60
[0.260]
0.80
[0.030]
32.00
[1.260]
Blue
1.5 - 2.5
(AWG 16-14)
2.0
[0.080]
4.6
[0.180]
B-106-3633
6.50
[0.255]
6.60
[0.260]
0.80
[0.030]
33.00
[1.300]
Yellow
3.0 - 6.0
(AWG 12-10)
2.8
[0.110]
6.5
[0.255]
B-106-3481
4.00
[0.160]
5.05
[0.199]
0.80
[0.030]
30.00
[1.180]
Red
0.5 - 1.0
(AWG 22-18)
1.4
[0.055]
4.0
[0.160]
MATERIALS
1. INSULATION SLEEVE: Heat-shrinkable, transparent color (1), radiation cross-linked modified polyamide with
thermoplastic adhesive coating inside.
2. PUSH-ON TERMINAL: Tin-plated brass.
BASE METAL: C260 Brass.
PLATING: Tin-plated per ASTM B545, Class A.
APPLICATION
1. These controlled crimp devices are designed to terminate a tin-plated or bare copper stranded wire having an insulation rated
for at least 75
C to a push-on terminal. It will provide a splash proof and strain relief connection.
UL listed wire connector 3Z11.
2. Temperature range: -55
C to +125C.
3. For application tooling and installation, see RPIP-684-00.
For best results, prepare the wire as shown:




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl