Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A06-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # A06-LFR
Description  1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

A06-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  A06-LFR Datasheet HTML 1Page - Frontier Electronics. A06-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
A005-LFR THRU A10-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
A005-LFR THRU A10-LFR
FEATURES
LOW FORWARD VOLTAGE
HIGH CURRENT CAPABILITY
LOW LEAKAGE CURRENT
HIGH SURGE CAPABILITY
LOW COST
LEAD FREE
MECHANICAL DATA
CASE: R1, MOLDED PLASTIC USE UL 94V-0 RECOGNIZED
FLAME RETARDANT EPOXY, DIMENSIONS IN INCHES
AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE
PER MIL-STD-
202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
WEIGHT: 0.19 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS
OTHERWISE SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD,
DERATE CURRENT BY 20%
RATINGS
SYMBOL A005-LFR A01-LFR A02-LFR A04-LFR A06-LFR A08-LFR A10-LFR UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375” (9.5mm) LEAD LENGTH AT TA=55
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
25
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
15
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
50
℃/W
STORAGE TEMPERATURE RANGE
TSTG
-55 TO + 175
OPERATING TEMPERATURE RANGE
TOP
-55 TO + 175
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL A005-LFR A01-LFR A02-LFR A04-LFR A06-LFR A08-LFR A10-LFR UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
1.1
V
MAXIMUM REVERSE CURRENT AT 25
IR
5.0
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50.0
μA
NOTE
︰ 1. MEASURED AT 1MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20
×20×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
.126(3.2)
.106(2.7)
.025(0.6)
.021(0.5)
.102(2.6)
.091(2.3)
.787(20.0)
MIN
.787(20.0)
MIN


Similar Part No. - A06-LFR

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A06 DBLECTRO-A06 Datasheet
276Kb / 1P
   HIGH DENSITY IDC SOCKET
logo
XP Power Limited
A06 XPPOWER-A06 Datasheet
1Mb / 10P
   ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Tripp Lite. All Rights ...
A060-006 TRIPPLITE-A060-006 Datasheet
156Kb / 2P
   RF Digital Coax Gold Audio Cable (RCA M/M), 6-ft.
A060-012 TRIPPLITE-A060-012 Datasheet
156Kb / 2P
   RF Digital Coax Gold Audio Cable (RCA M/M), 12-ft.
logo
Vishay Barry
A0600-20-3X BARRY-A0600-20-3X Datasheet
181Kb / 1P
   BeO
05/16/08
More results

Similar Description - A06-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001-LFR FRONTIER-1N4001-LFR Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513 FRONTIER-EM513 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513-LFR FRONTIER-EM513-LFR Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001 FRONTIER-1N4001 Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4007 FRONTIER-1N4007 Datasheet
62Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1A1 GOOD-ARK-1A1 Datasheet
183Kb / 2P
   MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
1A1 KOOCHIN-1A1 Datasheet
382Kb / 2P
   MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
logo
Nantong Hornby Electron...
1AX HORNBY-1AX Datasheet
248Kb / 3P
   MINIATURE GENERAL PURPOSE PLASTIC SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com