Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6660EN Datasheet(PDF) 4 Page - Sipex Corporation

Part # SP6660EN
Description  200mA Charge Pump Inverter or Doubler
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6660EN Datasheet(HTML) 4 Page - Sipex Corporation

  SP6660EN Datasheet HTML 1Page - Sipex Corporation SP6660EN Datasheet HTML 2Page - Sipex Corporation SP6660EN Datasheet HTML 3Page - Sipex Corporation SP6660EN Datasheet HTML 4Page - Sipex Corporation SP6660EN Datasheet HTML 5Page - Sipex Corporation SP6660EN Datasheet HTML 6Page - Sipex Corporation SP6660EN Datasheet HTML 7Page - Sipex Corporation SP6660EN Datasheet HTML 8Page - Sipex Corporation SP6660EN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
SP6660DS/11
SP6660 200mA Charge Pump Inverter or Doubler
© Copyright 2000 Sipex Corporation
4
PIN ASSIGNMENTS
Pin 1— FC — Frequency Control for the
internal oscillator. FC = open,f
OS C = 10KHz
typical; FC = V+, f
OSC = 80KHz typical
Pin 2 — CAP+ — Connect to the positive
terminal of the charge pump capacitor.
Pin 3 — GND — (Voltage Inverter Circuit)
Ground.
Pin 3 — GND — (Positive Voltage Doubler
Circuit) Positive supply voltage input.
Pin 4 — CAP- — Connect to the negative
terminal of the charge pump capacitor.
Pin 5 — OUT — (Voltage Inverter Circuit)
Negative voltage output pin.
Pin 5 — OUT — (Positive Voltage Doubler
Circuit) Ground pin for power supply.
Pin 6 — LV
Low-voltage operation input pin in 660
circuits. In SP6660 circuits can be connected
to GND, OUT or left open as desired with no
effect.
Pin 7 — OSC — Control pin for the oscillator.
Internally connected to 15pf capacitor.
An external capacitor can be added to slow
the oscillator. Be careful to minimize stray
capitance. An external oscillator can be
connected to overdrive the OSC pin.
Pin 8 — V+ — (Voltage Inverter Circuit)
Positive voltage input pin for the power
supply.
Pin 8 — V+ — (Positive Voltage Doubler
Circuit) Positive voltage output.
PINOUT
CAP+
FC
GND
CAP-
OUT
LV
OSC
V+
SP6660
8
7
4
3
2
1
5
6


Similar Part No. - SP6660EN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660EN SIPEX-SP6660EN Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660EN EXAR-SP6660EN Datasheet
273Kb / 22P
   200mA Charge Pump Inverter or Doubler
More results

Similar Description - SP6660EN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6660 SIPEX-SP6660 Datasheet
284Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Exar Corporation
SP6660 EXAR-SP6660 Datasheet
273Kb / 22P
   200mA Charge Pump Inverter or Doubler
logo
Sipex Corporation
SP6661EN-L SIPEX-SP6661EN-L Datasheet
513Kb / 8P
   High Frequency 200mA Charge Pump Inverter or Doubler
SP6661 SIPEX-SP6661 Datasheet
293Kb / 7P
   High Frequency 200mA Charge Pump Inverter or Doubler
logo
ON Semiconductor
CAT660ELA ONSEMI-CAT660ELA Datasheet
177Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
Doc. No. MD-5000, Rev. X
logo
Catalyst Semiconductor
CAT660 CATALYST-CAT660_07 Datasheet
174Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
CAT660 CATALYST-CAT660 Datasheet
497Kb / 16P
   100mA CMOS Charge Pump Inverter/Doubler
logo
ON Semiconductor
CAT660 ONSEMI-CAT660 Datasheet
157Kb / 15P
   100 mA CMOS Charge Pump Inverter/Doubler
May, 2010 ??Rev. 24
CAT660EVA-GT3 ONSEMI-CAT660EVA-GT3 Datasheet
142Kb / 13P
   100 mA CMOS Charge Pump Inverter/Doubler
July, 2012 ??Rev. 26
CAT661ELA ONSEMI-CAT661ELA Datasheet
183Kb / 17P
   High Frequency 100mA CMOS Charge Pump, Inverter/Doubler
Doc. No. MD-5003, Rev. L
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com