Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5938B-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1N5938B-LFR
Description  1.5 WATT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5938B-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  1N5938B-LFR Datasheet HTML 1Page - Frontier Electronics. 1N5938B-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N5921B-LFR THRU 1N5956B-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVES 1N5921B-LFR THRU 1N5956B-LFR
TEMPERATURE COEFFICIENT RANGES (90% of the Units are in the Ranges Indicated)
ZENER VOLTAGE versus ZENER CURRENT
10
8
6
4
2
0
-2
-4
3
4
5
6
7
8
9
10
11
12
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
RANGE
Figure. 1 - Units To 12 Volts
80
70
60
50
40
30
20
10
0
0
1/8
1/4
3/8
1/2
5/3
3/4
7/8
1
L, LEAD LENGTH TO HEAT SINK (INCH)
PRIMARY PATH OF CONDUCTION IS
THROUGH THE CATHODE LEAD
TL
L
L
Figure. 6 - Typical Thermal Resistance
1000
500
200
100
50
20
10
10
20
50
100
200
400
1000
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
Figure. 2 - Units 10 To 1400 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
0
1
2
3
4
5
6
7
8
9
10
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
Figure. 3 - VZ=3.3thru 10 Volts
Figure. 7 - Power Temperature Derating Curve
2.5
2.0
1.5
1.0
0.5
0
20
40
60
80
100
120
140
160
180
200
TL, LEAD TEMPERATURE (
OC)
10
5
2
1
0.5
0.2
0.1
100
150
200
250
300
350
400
450
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
Figure. 5 - VZ=100 thru 400 Volts
100
50
30
20
10
5
3
2
1
0.5
0.3
0.2
0.1
VZ, ZENER VOLTAGE
@I
ZT(VOLTS)
Figure. 4 - VZ=12 thru 82 Volts
0
10
20 30
40
50
60 70
80
90
100


Similar Part No. - 1N5938B-LFR

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N5938B PANJIT-1N5938B Datasheet
81Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE(VOLTAGE - 11 TO 200 Volts Power - 1.5 Watts)
logo
TAITRON Components Inco...
1N5938B TAITRON-1N5938B Datasheet
171Kb / 4P
   1.5W Zener Diodes
logo
Anova Technologies CO.,...
1N5938B ANOVA-1N5938B Datasheet
240Kb / 3P
   Axial Lead Zener Diodes
logo
Transys Electronics
1N5938B TRSYS-1N5938B Datasheet
204Kb / 3P
   GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
logo
SEMTECH ELECTRONICS LTD...
1N5938B SEMTECH_ELEC-1N5938B Datasheet
225Kb / 3P
   3 W SILICON ZENER DIODES
More results

Similar Description - 1N5938B-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
logo
Central Semiconductor C...
1N4460 CENTRAL-1N4460 Datasheet
92Kb / 2P
   1.5 WATT ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5913B NJSEMI-1N5913B Datasheet
125Kb / 1P
   SILICON 1.5 WATT ZENER DIODES
logo
Microsemi Corporation
1N5913B MICROSEMI-1N5913B Datasheet
89Kb / 3P
   SILICON 1.5 WATT ZENER DIODES
logo
Central Semiconductor C...
1N5913B CENTRAL-1N5913B Datasheet
347Kb / 2P
   SILICON ZENER DIODE 1.5 WATT, 3.3 THRU 200 VOLTS
logo
Micro Commercial Compon...
1N5913BP MCC-1N5913BP_18 Datasheet
513Kb / 5P
   1.5 Watt Zener Diode 3.3to 4.7 Volts
1N5913BP MCC-1N5913BP_13 Datasheet
509Kb / 5P
   1.5 Watt Zener Diode 3.3to 200 Volts
SMBJ5918B MCC-SMBJ5918B Datasheet
348Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
logo
Continental Device Indi...
1N4477 CDIL-1N4477 Datasheet
81Kb / 3P
   SILICON GLASS PASSIVATED 1.5 WATT ZENER DIODES
logo
Micro Commercial Compon...
SMBJ5925BHE3 MCC-SMBJ5925BHE3 Datasheet
384Kb / 4P
   1.5 Watt Surface Mount Silicon Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com