Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5364B Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1N5364B
Description  5 WATT SILICON ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5364B Datasheet(HTML) 2 Page - Frontier Electronics.

  1N5364B Datasheet HTML 1Page - Frontier Electronics. 1N5364B Datasheet HTML 2Page - Frontier Electronics. 1N5364B Datasheet HTML 3Page - Frontier Electronics. 1N5364B Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1N5333B THRU 1N5388B
Page: 2
ELECTRICAL CHARACTERISTICS (TA=25
℃UNLESS OTHERWISE NOTED VF=1.2V MAX,@IF = 1A FOR ALL TYPES)
MAXIMUM ZENER
IMPEDANCE
MAX. REVERSE
LEAKAGE CURRENT
JEDEC
TYPE NO
NOMINAL
ZENER
VOLTS
VZ@IZT
VOLTS
TEST
CURRENT
IZT
mA
ZZT @ IZT
Ohms
ZZK
@IZK=1mA
Ohms
IR
@
VR
μA
VOLTS
MAX
SURGE
CURRENT
IR AMPS
MAX
VOLTAGE
REGULATION
VZVOLT
MAXIMUM
REGULATOR
CURRENT
IZM
mA
1N5379B
1N5380B
1N5381B
1N5382B
1N5383B
1N5384B
1N5385B
1N5386B
1N5387B
1N5388B
110
120
130
140
150
160
170
180
190
200
12
10
10
8
8
8
8
5
5
5
125
170
190
230
330
350
380
430
450
480
1000
1150
1250
1500
1500
1650
1750
1750
1850
1850
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
83.6
91.2
98.8
106
114
122
129
137
144
152
1.4
1.3
1.2
1.2
1.1
1.1
1.0
1.0
0.9
0.9
2.5
2.5
2.5
2.5
3
3
3
4
5
5
1440
1320
1220
1100
1010
930
865
790
765
700
630
NOTE: SUFFIX “B”FOR ± 5%


Similar Part No. - 1N5364B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5364B MOTOROLA-1N5364B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Microsemi Corporation
1N5364B MICROSEMI-1N5364B Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
logo
Semikron International
1N5364B SEMIKRON-1N5364B Datasheet
51Kb / 2P
   Zener silicon diodes
logo
Shenzhen Luguang Electr...
1N5364B LUGUANG-1N5364B Datasheet
2Mb / 5P
   Zener Diodes
logo
EIC discrete Semiconduc...
1N5364B EIC-1N5364B Datasheet
59Kb / 3P
   SILICON ZENER DIODES
More results

Similar Description - 1N5364B

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N5342B FRONTIER-1N5342B Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
1N5342B-LFR FRONTIER-1N5342B-LFR Datasheet
135Kb / 3P
   5 WATT SILICON ZENER DIODE
logo
Microsemi Corporation
1N5342D MICROSEMI-1N5342D Datasheet
157Kb / 3P
   Silicon 5 Watt Zener Diodes
1N5333B MICROSEMI-1N5333B Datasheet
114Kb / 2P
   SILICON 5 WATT ZENER DIODES
1EZ110D5 MICROSEMI-1EZ110D5 Datasheet
169Kb / 3P
   Silicon 1 Watt Zener Diode
2EZ12D5DO41E3TR12 MICROSEMI-2EZ12D5DO41E3TR12 Datasheet
164Kb / 3P
   Silicon 2 Watt Zener Diode
SMAJ5913BE3 MICROSEMI-SMAJ5913BE3 Datasheet
473Kb / 6P
   Silicon 3.0 Watt Zener Diode
logo
Frontier Electronics.
1N5921B FRONTIER-1N5921B Datasheet
127Kb / 2P
   1.5 WATT SILICON ZENER DIODE
ZSL30-6.8B FRONTIER-ZSL30-6.8B Datasheet
127Kb / 3P
   3 WATT SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4557B NJSEMI-1N4557B Datasheet
171Kb / 1P
   SILICON 50 WATT ZENER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com