Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP6832 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6832
Description  High Speed, High Efficiency Voltage Inverter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6832 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6832 Datasheet HTML 5Page - Sipex Corporation SP6832 Datasheet HTML 6Page - Sipex Corporation SP6832 Datasheet HTML 7Page - Sipex Corporation SP6832 Datasheet HTML 8Page - Sipex Corporation SP6832 Datasheet HTML 9Page - Sipex Corporation SP6832 Datasheet HTML 10Page - Sipex Corporation SP6832 Datasheet HTML 11Page - Sipex Corporation SP6832 Datasheet HTML 12Page - Sipex Corporation SP6832 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
SP6832DS/04
SP6832 High Speed, High Efficiency Voltage Inverter
© Copyright 2000 Sipex Corporation
the charge pump capacitors, and P
CONV is the total
conversion loss during charge transfer between
the flying and output capacitors. These are the
three theoretical factors that may effect the power
efficiency of the SP6832 in designs.
Internal losses come from the power dissipated
in the IC's internal circuitry.
Losses in the charge pump capacitors will be
induced by the capacitors' ESR. The effects of
the ESR losses and the output resistance can be
found in the following equation:
I
OUT
2 x R
OUT = PCAP + PCONV
and
R
OUT ≈ 4 x (2 x RSWITCHES + ESRC1) +
ESR
C2 +
1
fOSC x C1
,
where I
OUT is the output current, ROUT is the
circuit's output resistance, R
SWITCHES is the internal
resistance of the MOSFET switches, ESR
C1 and
ESR
C2 are the ESR of their respective capacitors,
and f
OSC is the oscillator frequency. This term
with f
OSC is derived from an ideal switched-
capacitor circuit as seen in Figure 17.
Conversion losses will happen during the charge
transfer between the flying capacitor, C1, and
the output capacitor, C2, when there is a voltage
difference between them. P
CONV can be determined
by the following equation:
P
CONV = fOSC x [
1/
2 x C1 x (VIN
2 - V
OUT
2) +
1/
2 x C2 x (VRIPPLE
2 - 2 x V
OUT x VRIPPLE) ].
Actual Efficiency
To determine the actual efficiency of the
SP6832 device operation, a designer can use the
following equation:
Efficiency (ACTUAL) =
x 100%
P
OUT
P
IN
,
where
P
OUT = VOUT x IOUT
and
P
IN = VIN x IIN
where P
OUT is the power output, VOUT is the
output voltage, I
OUT is the output current, PIN is
the power from the supply driving the SP6832,
V
IN is the supply input voltage, and IIN is the
supply input current.
Ideal Efficiency
The ideal efficiency is not the true power
efficiency because it is not calculated relative to
the input power which includes the input current
losses in the charge pump. The ideal efficiency
can be determined with the following equation:
Efficiency (IDEAL) =
x 100%
P
OUT
P
OUT (IDEAL)
,
where
P
OUT (IDEAL)
= -V
IN x
-V
IN
R
L
,
and P
OUT is the measured power output. Both
efficiencies are provided to designers for
comparison.
Figure 17. Equivalent Circuit for an Ideal Switched
Capacitor
V+
C2
RL
VOUT
C1
f
V+
C2
RL
VOUT
Requivalent =
1
f x C1
Requivalent


Similar Part No. - SP6832

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
SP6832EK SIPEX-SP6832EK Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
SP6832EK/TR SIPEX-SP6832EK/TR Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
More results

Similar Description - SP6832

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
   High Speed, High Efficiency Voltage Inverter
logo
List of Unclassifed Man...
OZ965 ETC-OZ965 Datasheet
66Kb / 7P
   High-Efficiency Inverter Controller
OZ962 ETC-OZ962 Datasheet
51Kb / 6P
   High-Efficiency Inverter Controller
logo
Axiomtek Co., Ltd.
IV-04N-300 AXIOMTEK-IV-04N-300 Datasheet
183Kb / 1P
   High efficiency Inverter for LCD panel
IV-02N-800 AXIOMTEK-IV-02N-800 Datasheet
184Kb / 1P
   High efficiency Inverter for LCD panel
IV-02N-300 AXIOMTEK-IV-02N-300 Datasheet
160Kb / 1P
   High efficiency Inverter for LCD panel
logo
Maxim Integrated Produc...
MAX17021EVKIT MAXIM-MAX17021EVKIT Datasheet
1Mb / 15P
   High Speed, Accuracy, and Efficiency
Rev 0; 3/09
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04_08 Datasheet
397Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Hex Inverter
logo
ELM Technology Corporat...
ELM7SH04XB ELM-TECH-ELM7SH04XB Datasheet
278Kb / 3P
   HIGH SPEED CMOS LOGIC IC Inverter
logo
Texas Instruments
CD74HCU04 TI-CD74HCU04 Datasheet
40Kb / 6P
[Old version datasheet]   High Speed CMOS Logic Hex Inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com