Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B048F096T24-EB Datasheet(PDF) 3 Page - Vicor Corporation

Part # B048F096T24-EB
Description  Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F096T24-EB Datasheet(HTML) 3 Page - Vicor Corporation

  B048F096T24-EB Datasheet HTML 1Page - Vicor Corporation B048F096T24-EB Datasheet HTML 2Page - Vicor Corporation B048F096T24-EB Datasheet HTML 3Page - Vicor Corporation B048F096T24-EB Datasheet HTML 4Page - Vicor Corporation B048F096T24-EB Datasheet HTML 5Page - Vicor Corporation B048F096T24-EB Datasheet HTML 6Page - Vicor Corporation B048F096T24-EB Datasheet HTML 7Page - Vicor Corporation B048F096T24-EB Datasheet HTML 8Page - Vicor Corporation B048F096T24-EB Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
vicorpower.com
800-735-6200
BCM™ Bus Converter
B048F096T24
Rev. 4.9
Page 3 of 12
Parameter
Min
Typ
Max
Unit
Note
Output voltage
7.60
11.0
Vdc
No load
7.30
10.7
Vdc
Full load
Output power
0
240
W
40 - 55 VIN
0
227
W
38 - 55 VIN
Rated DC current
0
31.5
Adc
POUT ≤ 240 W
Peak repetitive power
360
W
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
Current share accuracy
5
10
%
See Parallel Operation on Page 10
Efficiency
Half load
95.5
96.2
%
See Figure 5
Full load
95.5
96.2
%
See Figure 5
Internal output inductance
1.6
nH
Internal output capacitance
55
µF
Effective value
Load capacitance
1,600
µF
Output overvoltage set point
11.0
Vdc
Module will shut down
Output ripple voltage
No external bypass
176
200
mVp-p
See Figures 7 and 9
10 µF bypass capacitor
17
mVp-p
See Figure 8
Short circuit protection set point
33
Adc
Module will shut down
Average short circuit current
0.43
A
Effective switching frequency
3.0
3.1
3.4
MHz
Fixed, 1.6 MHz per phase
Line regulation
K
0.1980
1/5
0.2020
VOUT = KVIN at no load
Load regulation
ROUT
8.9
12.0.
m
Ω
Transient response
Voltage overshoot
92
mV
100% load step; See Figures 10 and 11
Response time
200
ns
See Figures 10 and 11
Recovery time
1
µs
See Figures 10 and 11
Output overshoot
Input turn on
0
mV
No output filter; See Figure 3
PC enable
0
mV
No output filter; See Figure 2
Output turn on delay
From application of power
288
ms
No output filter; See Figure 3
From release of PC pin
70
ms
No output filter
Efficiency vs. Output Power
84
86
88
90
92
94
96
98
0
24
48
72
96
120 144 168 192 216 240
Output Power (W)
Figure 5 — Efficiency vs. output power
Power Dissipation
2
3
4
5
6
7
8
9
10
0
24
48
72
96
120 144 168 192 216 240
Output Power (W)
Figure 6 — Power dissipation as a function of output power
Output Waveforms
Specifications (continued)
Output (Conditions are at 48 Vin, full load, and 25°C ambient unless otherwise specified)


Similar Part No. - B048F096T24-EB

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F096T24 VICOR-B048F096T24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048F096T24 VICOR-B048F096T24 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F096T24 VICOR-B048F096T24 Datasheet
452Kb / 2P
   BCM Bus Converter
B048F096T24 VICOR-B048F096T24 Datasheet
1Mb / 12P
   Bus Converter
B048F096T24 VICOR-B048F096T24 Datasheet
572Kb / 2P
   Bus Converter Family
More results

Similar Description - B048F096T24-EB

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com