Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69L737A Datasheet(PDF) 6 Page - Motorola, Inc

Part # MCM69L737A
Description  4M Late Write LVTTL
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L737A Datasheet(HTML) 6 Page - Motorola, Inc

Back Button MCM69L737A Datasheet HTML 2Page - Motorola, Inc MCM69L737A Datasheet HTML 3Page - Motorola, Inc MCM69L737A Datasheet HTML 4Page - Motorola, Inc MCM69L737A Datasheet HTML 5Page - Motorola, Inc MCM69L737A Datasheet HTML 6Page - Motorola, Inc MCM69L737A Datasheet HTML 7Page - Motorola, Inc MCM69L737A Datasheet HTML 8Page - Motorola, Inc MCM69L737A Datasheet HTML 9Page - Motorola, Inc MCM69L737A Datasheet HTML 10Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MCM69L737A
•MCM69L819A
6
MOTOROLA FAST SRAM
DC OPERATING CONDITIONS AND CHARACTERISTICS
(0
°C ≤ TA ≤ 70°C, Unless Otherwise Noted)
RECOMMENDED OPERATING CONDITIONS (See Notes 1 through 4)
Parameter
Symbol
Min
Typical
–8.5
Typical
–9
Typical
–9.5
Max
Unit
Notes
Core Power Supply Voltage
VDD
3.15
3.6
V
Output Driver Supply Voltage
VDDQ
3.15
3.6
V
Active Power Supply Current
(x18)
(x36)
IDD1
320
370
320
370
300
350
480
550
mA
5
Quiescent Active Power
Supply Current
IDD2
180
180
180
250
mA
6, 10
Active Standby Power Supply Current
ISB1
170
170
170
250
mA
7
Quiescent Standby Power
Supply Current
ISB2
150
150
150
230
mA
8, 10
Sleep Mode Power Supply Current
ISB3
30
30
30
50
mA
9, 10
NOTES:
1. All data sheet parameters specified to full range of VDD unless otherwise noted. All voltages are referenced to voltage applied to VSS bumps.
2. Supply voltage applied to VDD connections.
3. Supply voltage applied to VDDQ connections.
4. All power supply currents measured with outputs open or deselected.
5. VDD = VDD (max), tKHKH = tKHKH (min), SS registered active, 50% read cycles.
6. VDD = VDD (max), tKHKH = dc, SS registered active.
7. VDD = VDD (max), tKHKH = tKHKH (min), SS registered inactive.
8. VDD = VDD (max), tKHKH = dc, SS registered inactive, ZZ low.
9. VDD = VDD (max), tKHKH = dc, SS registered inactive, ZZ high.
10. 200 mV
≥ Vin ≥ VDDQ – 200 mV.
DC INPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
DC Input Logic High
VIH (dc)
2.0
VDD + 0.3
V
DC Input Logic Low
VIL (dc)
– 0.3
0.8
V
1
Input Leakage Current
Ilkg
± 5
µA
2
Clock Input Leakage Current
Iclkg
± 8
µA
2
Clock Input Signal Voltage
Vin
– 0.3
VDD + 0.3
V
Clock Input Differential Voltage
VDIF (dc)
0.2
VDD + 0.6
V
3
Clock Input Common Mode Voltage Range (See Figure 3)
VCM (dc)
1.1
2.1
V
4
NOTES:
1. Inputs may undershoot to – 0.5 V (peak) for up to 20% tKHKH (e.g., 2 ns at a clock cycle time of 10 ns).
2. 0 V
≤ Vin ≤ VDDQ for all pins.
3. Minimum instantaneous differential input voltage required for differential input clock operation.
4. Maximum rejectable common mode input voltage variation.
DC OUTPUT CHARACTERISTICS
Parameter
Symbol
Min
Max
Unit
Notes
Output Leakage Current
Ilkg
– 1.0
1.0
µA
Output Low Voltage
VOL
0.4
V
1
Output High Voltage
VOH
2.4
V
2
NOTES:
1. IOL = 8.0 mA.
2. IOH = – 8.0 mA.
CAPACITANCE (f = 1.0 MHz, dV = 3.0 V, 0
°C ≤ TA ≤ 70°C, Periodically Sampled Rather Than 100% Tested)
Characteristic
Symbol
Typ
Max
Unit
Input Capacitance
Cin
4
5
pF
Input/Output Capacitance
CI/O
7
8
pF
CK, CK Capacitance
CCK
4
5
pF


Similar Part No. - MCM69L737A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6 MOTOROLA-MCM69L735ZP6 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5 MOTOROLA-MCM69L735ZP6.5 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6.5R MOTOROLA-MCM69L735ZP6.5R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
MCM69L735ZP6R MOTOROLA-MCM69L735ZP6R Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69L737A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69R737A MOTOROLA-MCM69R737A Datasheet
212Kb / 20P
   4M Late Write LVTTL
MCM69R736C MOTOROLA-MCM69R736C Datasheet
520Kb / 20P
   4M Late Write HSTL
MCM69R736A MOTOROLA-MCM69R736A Datasheet
224Kb / 20P
   4M Late Write HSTL
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69R738C MOTOROLA-MCM69R738C Datasheet
511Kb / 20P
   4M Late Write 2.5 V I/O
MCM69L738A MOTOROLA-MCM69L738A Datasheet
212Kb / 20P
   4M Late Write 2.5 V I/O
MCM69R738A MOTOROLA-MCM69R738A Datasheet
213Kb / 20P
   4M Late Write 2.5 V I/O
logo
GSI Technology
GS8330DW36 GSI-GS8330DW36 Datasheet
583Kb / 30P
   Double Late Write SigmaRAM
logo
Motorola, Inc
MCM63R836A MOTOROLA-MCM63R836A Datasheet
385Kb / 21P
   8M Late Write HSTL
logo
Samsung semiconductor
K7Z167288B SAMSUNG-K7Z167288B Datasheet
240Kb / 20P
   512Kx36 & 256Kx72 DLW(Double Late Write) RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com