Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCT8-02 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BCT8-02
Description  8A CENTER TAP RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BCT8-02 Datasheet(HTML) 2 Page - Frontier Electronics.

  BCT8-02 Datasheet HTML 1Page - Frontier Electronics. BCT8-02 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCT8-005 THRU BCT8-10
Page: 2
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
300
250
200
150
100
50
0
1
2
5
10
20
50
100
NUMBER OF CYCLES AT 60HZ
SINGLE SINE-WAVE
JEDEC METHOD
TJ=150℃
FIG. 4 - TYPICAL REVERSE
CHARACTERISTICS
10
1.0
.1
.01
0
20
40
60
80
100
120
140
PERCENT OF PEAK REVERSE VOLTAGE
TA=25℃
TC=100℃
TJ=25℃
FIG. 3 - TYPICAL JUNCTION
CAPACITANCE PER ELEMENT
400
100
50
10
1
5
10
50
100
REVERSE VOLTAGE, (V)
f=1MHz
FI. 5 - TYPICAL INSTANTANEOUS
FORWARD
CHARACTERISTICS PER ELEMENT
100
40
20
10
4.0
1.0
0.4
0.2
0.1
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
INSTANTANEOUS FORWARD
VOLTAGE, (V)
TJ=25℃
PULSE WIDTH.300us
1% DUTY CYCLE
RATINGS AND CHARACTERISTIC CURVES BCT8-005 THRU BCT8-10
FIG. 1 - DERATING CURVE OUTPUT
RECTIFIED CURRENT
8.0
6.0
4.0
2.0
0
0
50
100
150
TEMPERATURE, (
℃)
HEAT SINK MOUNTING Tc
3.0
×3.0×0.12" THK AL PLATE
(7.5
×7.5×0.3cm)
TA P.C.B. MOUNTING
0.375"(9.5mm)LEAD LENGTH
0.5
×0.5"(12×12mm) COPPER
PADS
60Hz Resistive or Inductive


Similar Part No. - BCT8-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BCT8-02-LFR FRONTIER-BCT8-02-LFR Datasheet
126Kb / 2P
   8A CENTER TAP RECTIFIERS
More results

Similar Description - BCT8-02

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BCT8-005-LFR FRONTIER-BCT8-005-LFR Datasheet
126Kb / 2P
   8A CENTER TAP RECTIFIERS
logo
Diotec Semiconductor
D30VC20 DIOTEC-D30VC20 Datasheet
174Kb / 2P
   Silicon-Twin Rectifiers Center tap
DAN208 DIOTEC-DAN208_08 Datasheet
109Kb / 2P
   Silicon-Twin Rectifiers ??Center Tap
logo
New Jersey Semi-Conduct...
UES2601 NJSEMI-UES2601 Datasheet
131Kb / 3P
   RECTIFIERS High Efficiency, 30A Center-Tap
logo
International Rectifier
20CTQ030 IRF-20CTQ030 Datasheet
287Kb / 6P
   AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
logo
Microsemi Corporation
UES2605R MICROSEMI-UES2605R Datasheet
344Kb / 6P
   HIGH EFFICIENCY RECTIFIERS 30A Center-Tap
logo
International Rectifier
28CPQ IRF-28CPQ Datasheet
181Kb / 4P
   28Amp Dual Schottky Center Tap Rectifiers
12CTQ030 IRF-12CTQ030 Datasheet
181Kb / 4P
   12 AMP DUAL SCHOTTKY CENTER TAP RECTIFIERS
25CPF IRF-25CPF Datasheet
251Kb / 4P
   25Amp Fast Recovery Dual Center Tap Rectifiers
logo
EIC discrete Semiconduc...
CT1500 EIC-CT1500 Datasheet
44Kb / 2P
   CENTER TAP DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com