Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BJ4-10 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BJ4-10
Description  4A BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BJ4-10 Datasheet(HTML) 1 Page - Frontier Electronics.

  BJ4-10 Datasheet HTML 1Page - Frontier Electronics. BJ4-10 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BJ4-005 THRU BJ4-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
4A BRIDGE RECTIFIERS
BJ4-005 THRU BJ4-10
FEATURES
DIFFUSED JUNCTION
LOW FORWARD VOLTAGE DROP
HIGH CURRENT CAPABILITY
HIGH SURGE CURRENT CAPABILITY
IDEAL FOR PRINTED CIRCUIT BOARDS
MECHANICAL DATA
CASE: MOLDED PLASTIC
DIMENSIONS IN INCHES AND (MILLIMETERS)
TERMINALS: PLATED LEADS SOLDERABLE
PER
MIL-STD-202, METHOD 208V
POLARITY: AS MARKED ON BODY
WEIGHT: 4.0 GRAMS
MOUNTING POSITION: ANY
MARKING: TYPE NUMBER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BJ4-005
BJ4-01
BJ4-02
BJ4-04
BJ4-06
BJ4-08
BJ4-10
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
AVERAGE RECTIFIED OUTPUT CURRENT @ TC = 75
°C
( NOTE 1 )
IO
4.0
A
NON-REPETITIVE PEAK FORWARD SURGE CURRENT 8.3MS
SINGLE HALF SINE-WAVE SUPERIMPOSED ON RATED LOAD
(JEDEC METHOD)
IFSM
200
A
FORWARD VOLTAGE ( 3PER ELEMENT ) @ IF = 2.0 A
VFM
1.0
V
PACK REVERSE CURRENT
@ Ta=25
°C
AT RATED DC BLOCKING VOLTAGE
@Tc=100
°C
IR
5
200
μ A
OPERATING AND STORAGE TEMPERATURE RANGE
Tj ,TSTG
- 55 TO + 150
°C
NOTE:
1. DEVICE MOUNTED ON 7.5 x 7.5 x 0.8
cm THICK AL PLATE HEAT SINK
BJ - 4
Dim
Min
Max
A
24.7
25.3
B
14.7
15.3
C
4.0
D
17.0
18.0
E
3.3
3.7
G
3.1Ø
3.4 Ø
H
1.05
1.45
J
1.7
2.1
K
0.9
1.1
L
1.5
1.9
M
4.8
5.16
N
3.8
4.4
P
7.3
7.7
R
9.3
9.7
S
3.4
3.9
T
0.6
0.8
All Dimensions In mm
N
G
T
M
C
G
A
P
P
L
B
D
P
E
H
K
R
S
J


Similar Part No. - BJ4-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BJ40931 ETC-BJ40931 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
BJ41931 ETC-BJ41931 Datasheet
426Kb / 5P
   SINGLE PHASE MOULDED BRIDGES 0,8 AMP TO 1,5 AMP
More results

Similar Description - BJ4-10

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TU400 TAITRON-TU400 Datasheet
200Kb / 4P
   4A Bridge Rectifiers
logo
Frontier Electronics.
BU4-005 FRONTIER-BU4-005 Datasheet
56Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU4-005 FRONTIER-GBU4-005 Datasheet
124Kb / 2P
   4A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
GBP4005 SECOS-GBP4005 Datasheet
347Kb / 2P
   4A, 50V ~ 1000V Glass Passivated Bridge Rectifiers
GBL4005 SECOS-GBL4005 Datasheet
286Kb / 2P
   50V ~ 1000V, 4A Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS4K40 TSC-TS4K40_16 Datasheet
203Kb / 4P
   4A, 400V - 800V Glass Passivated Bridge Rectifiers
logo
Chip Integration Techno...
D3K4005 CITC-D3K4005 Datasheet
92Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
KBU4005 CITC-KBU4005 Datasheet
92Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU4005 CITC-GBU4005 Datasheet
91Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBL4005 CITC-GBL4005 Datasheet
91Kb / 3P
   4A Miniature Glass Passivated Single-Phase Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com