Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP791 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP791
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP791 Datasheet(HTML) 5 Page - Sipex Corporation

  SP791 Datasheet HTML 1Page - Sipex Corporation SP791 Datasheet HTML 2Page - Sipex Corporation SP791 Datasheet HTML 3Page - Sipex Corporation SP791 Datasheet HTML 4Page - Sipex Corporation SP791 Datasheet HTML 5Page - Sipex Corporation SP791 Datasheet HTML 6Page - Sipex Corporation SP791 Datasheet HTML 7Page - Sipex Corporation SP791 Datasheet HTML 8Page - Sipex Corporation SP791 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
5
SP791DS/08
SP791 Low Power Microprocessor Supervisory with Battery Switch-Over
© Copyright 2000 Sipex Corporation
to select another watchdog-timeout period.
Watchdog-timeout period = 2.1 x (capacitor
value in nF) ms.
Pin 9 — MR — Manual-Reset Input. This input
can be tied to an external momentary
pushbutton switch, or to a logic gate output.
RESET remains low as long as MR is held
low and for 200ms after MR returns high.
Pin 10 — LOWLINE — LOWLINE Output goes
low when VCC falls to 150mV above the re-
set threshold. The output can be used to gen-
erate an NMI (nonmaskable interrupt) if the
unregulated supply is inaccessible.
Pin 11 — WDI — Watchdog Input. WDI is a three-
level input. If WDI remains either high or
low for longer than the watchdog timeout
period, WDO goes low. WDO remains low
until the next transition at WDI. Leaving
WDI unconnected disables the watchdog
function. WDI connects to an internal volt-
age divider between V
OUT and GND, which
sets it to mid-supply when left unconnected.
Pin 12 — CE OUT — Chip-Enable Output.
CE OUT goes low only when CE IN is low
and VCC is above the reset threshold. If CE
IN
is low when reset is asserted, CE OUT will
stay low for 15us or until CE IN goes high,
whichever occurs first.
Pin 13 — CE IN — Chip-Enable Input. The Input
to chip-enable gating circuit. Connect to
GND or V
OUT if not used.
Pin 14 — WDO — Watchdog Output. WDO goes
low if WDI remains either high or low longer
than the watchdog timeout period. WDO
returns high on the next transition at WDI.
WDO remains high if WDI is unconnected.
WDO is also high when RESET is asserted.
Pin 15 — RESET — RESET Output goes low
whenever V
CC falls below the reset thresh-
old. RESET will remain low for 200ms
after V
CC crosses the reset threshold on
power-up.
Pin 16 — WDPO — Watchdog-Pulse Output.
Upon the absence of a transition at WDI,
WDPO will pulse low for a minimum of
1ms. WDPO precedes WDO by 70ns.
PIN ASSIGNMENTS
Pin 1 — V
BATT — Backup-Battery Input. Connect
to external battery or capacitor and charging
circuit.
Pin 2 —V
OUT — Output Supply Voltage. VOUT con-
nects to V
CC when VCC is greater than VBATT
and V
CC is above the reset threshold. When
V
CC falls below VBATT and VCC is below the
reset threshold, V
OUT connects to VBATT. Con-
nect a 0.1
µF capacitor from V
OUT to GND.
Pin 3 — V
CC
— Input Supply Voltage —
+5V input
Pin 4 — GND — Ground reference for all signals
Pin 5 — BATT ON — Battery On Output. Goes
high when V
OUT switches to VBATT. Goes low
when V
OUT switches to VCC. Connect the base
of a PNP through a current-limiting resistor
to BATT ON for V
OUT current requirements
greater than 250mA.
Pin 6 — PFO — Power-Fail Output. This is the
output of the power-fail comparator. PFO
goes low when PFI is less than1.25V. This is
an uncommitted comparator, and has no ef-
fect on any other internal circuitry.
Pin 7 — PFI — Power-Fail Input. This is the
noninverting input to the power-fail compara-
tor. When PFI is less than 1.25V, PFO goes
low. Connect PFI to GND or V
OUT when not
used.
Pin 8 — SWT — Set Watchdog-Timeout Input.
Connect this input to V
OUT to select the de-
fault 1.6 sec watchdog timeout period. Con-
nect a capacitor between this input and GND
PINOUT
VBATT
VOUT
Vcc
GND
BATT ON
PFO
PFI
SWT
WDPO
RESET
WDO
CE IN
CE OUT
WDI
LOWLINE
MR
16
DIP/SO
TOP VIEW
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Corporation


Similar Part No. - SP791

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP791 EXAR-SP791 Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory
logo
Sipex Corporation
SP791CN SIPEX-SP791CN Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
logo
Exar Corporation
SP791CN EXAR-SP791CN Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory
More results

Similar Description - SP791

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com