Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1M Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # FR1M
Description  SURFACE MOUNT FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

FR1M Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  FR1M Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd FR1M Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
50V-1000V
1.0A
SURFACE MOUNT FAST RECOVERY RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 2
FR1A THRU FR1M
Features
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Fast Recovery times for high efficiency
• Plastic package has UL Flammability Classification 94V-0
Mechanical Data
• Case: Molded plastic, SMA (DO-214AC)
• Terminals: Solder plated, solderable per MIL-STD-750,
method 2026 guaranteed
• Polarity: color band denotes cathode end
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2
”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTS
VOLTS
VOLTS
SYMBOLS
UNITS
Amp
Amps
Volts
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=90 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
IR
5.0
50.0
RqJA
CJ
TJ,TSTG
50.0
15.0
-65 to +150
pF
C
A
u
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FR1A FR1B
FR1D
FR1G FR1J
FR1K
FR1M
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000


Similar Part No. - FR1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
FR1M SSE-FR1M Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diotec Semiconductor
FR1M DIOTEC-FR1M Datasheet
99Kb / 2P
   Fast Switching Surface Mount Silicon Rectifier Diodes
FR1M DIOTEC-FR1M Datasheet
144Kb / 2P
   Fast Recovery SMD Rectifier Diodes
logo
Diodes Incorporated
FR1M DIODES-FR1M Datasheet
50Kb / 2P
   GLASS PASSIVATED FAST RECOVERY RECTIFIER
DS15003 Rev. C-3
logo
Shenzhen Luguang Electr...
FR1M LUGUANG-FR1M Datasheet
182Kb / 2P
   1.0AMP.Surface Mount Fast Recovery Rectifiers
More results

Similar Description - FR1M

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A Datasheet
47Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
SRR0 EIC-SRR0 Datasheet
48Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Silicon Standard Corp.
GR3K SSC-GR3K Datasheet
271Kb / 3P
   FAST RECOVERY SURFACE MOUNT RECTIFIERS
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
EIC discrete Semiconduc...
SR3A EIC-SR3A_05 Datasheet
55Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
RS1A SEMTECH_ELEC-RS1A Datasheet
168Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Weitron Technology
RS3A WEITRON-RS3A Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
RS1AL TSC-RS1AL_14 Datasheet
378Kb / 4P
   Surface Mount Fast Recovery Rectifiers
logo
Shenzhen Taychipst Elec...
FR3A TAYCHIPST-FR3A Datasheet
1Mb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Luguang Electr...
DFR05A LUGUANG-DFR05A Datasheet
175Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
SHENZHEN YONGERJIA INDU...
FR101W WINNERJOIN-FR101W Datasheet
289Kb / 3P
   Surface Mount Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com