Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69F817ZP7 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MCM69F817ZP7
Description  256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F817ZP7 Datasheet(HTML) 1 Page - Motorola, Inc

  MCM69F817ZP7 Datasheet HTML 1Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 2Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 3Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 4Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 5Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 6Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 7Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 8Page - Motorola, Inc MCM69F817ZP7 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
MCM69F817
1
MOTOROLA FAST SRAM
Product Preview
256K x 18 Bit Flow–Through
BurstRAM
™ Synchronous
Fast Static RAM
The MCM69F817 is a 4M bit synchronous fast static RAM designed to provide
a burstable, high performance, secondary cache for the PowerPC
™ and other
high performance microprocessors. It is organized as 256K words of 18 bits
each. This device integrates input registers, a 2–bit address counter, and high
speed SRAM onto a single monolithic circuit for reduced parts count in cache
data RAM applications. Synchronous design allows precise cycle control with the
use of an external clock (K).
Addresses (SA), data inputs (DQx), and all control signals except output
enable (G) and linear burst order (LBO) are clock (K) controlled through positive–
edge–triggered noninverting registers.
Bursts can be initiated with either ADSP or ADSC input pins. Subsequent burst
addresses can be generated internally by the MCM69F817 (burst sequence
operates in linear or interleaved mode dependent upon the state of LBO) and
controlled by the burst address advance (ADV) input pin.
Write cycles are internally self–timed and are initiated by the rising edge of the
clock (K) input. This feature eliminates complex off–chip write pulse generation
and provides increased timing flexibility for incoming signals.
Synchronous byte write (SBx), synchronous global write (SGW), and synchro-
nous write enable (SW) are provided to allow writes to either individual bytes or
to all bytes. The two bytes are designated as “a” and “b”. SBa controls DQa and
SBb controls DQb. Individual bytes are written if the selected byte writes SBx are
asserted with SW. All bytes are written if either SGW is asserted or if all SBx and
SW are asserted.
For read cycles, a flow–through SRAM allows output data to simply flow freely
from the memory array.
The MCM69F817 operates from a 3.3 V core power supply and all outputs
operate on a 3.3 V or 2.5 V power supply. All inputs and outputs are JEDEC stan-
dard JESD8–5 compatible.
• MCM69F817 Speed Options
Speed
tKHKH
Flow–Through
tKHQV
Setup
Hold
IDD
150 MHz
6.7 ns
6 ns
0.5 ns
1 ns
375 mA
133 MHz
7.5 ns
6.5 ns
0.5 ns
1 ns
350 mA
117 MHz
8.5 ns
7 ns
0.5 ns
1 ns
325 mA
• 3.3 V + 10%, – 5% Core Power Supply, Operates with a 3.3 V or 2.5 V I/O
Supply
• ADSP, ADSC, and ADV Burst Control Pins
• Selectable Burst Sequencing Order (Linear/Interleaved)
• Single–Cycle Deselect Timing
• Internally Self–Timed Write Cycle
• Byte Write and Global Write Control
• PB1 Version 2.0 Compatible
• JEDEC Standard 119–Pin PBGA Package
BurstRAM is a trademark of Motorola, Inc.
The PowerPC name is a trademark of IBM Corp., used under license therefrom.
This document contains information on a new product under development. Motorola reserves the right to change or discontinue this product without notice.
Order this document
by MCM69F817/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MCM69F817
ZP PACKAGE
PBGA
CASE 999–01
REV 1
6/26/97
© Motorola, Inc. 1997


Similar Part No. - MCM69F817ZP7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ11 MOTOROLA-MCM69F819TQ11 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ11R MOTOROLA-MCM69F819TQ11R Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ7.5 MOTOROLA-MCM69F819TQ7.5 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F819TQ7.5R MOTOROLA-MCM69F819TQ7.5R Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F817ZP7

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69F819 MOTOROLA-MCM69F819 Datasheet
274Kb / 20P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F618C MOTOROLA-MCM69F618C Datasheet
203Kb / 12P
   64K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69P819 MOTOROLA-MCM69P819 Datasheet
274Kb / 20P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P817 MOTOROLA-MCM69P817 Datasheet
177Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P818 MOTOROLA-MCM69P818 Datasheet
179Kb / 16P
   256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63F837 MOTOROLA-MCM63F837 Datasheet
713Kb / 28P
   256K x 36 and 512K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com