Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9500 Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP9500
Description  12-Bit, Voltage Output D/A Converter
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9500 Datasheet(HTML) 5 Page - Sipex Corporation

  SP9500 Datasheet HTML 1Page - Sipex Corporation SP9500 Datasheet HTML 2Page - Sipex Corporation SP9500 Datasheet HTML 3Page - Sipex Corporation SP9500 Datasheet HTML 4Page - Sipex Corporation SP9500 Datasheet HTML 5Page - Sipex Corporation SP9500 Datasheet HTML 6Page - Sipex Corporation SP9500 Datasheet HTML 7Page - Sipex Corporation SP9500 Datasheet HTML 8Page - Sipex Corporation SP9500 Datasheet HTML 9Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SP9500DS/04
SP9500 12-Bit, Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
5
VOUT
VREF
DAC
12
1
SHIFT
REGISTER
DIN
+
+
DIN
VREF
VOUT
VDAC
VOUT
VDAC
VDAC
DIN
WHERE…
=
=
4096
x (VREF - AGND) + AGND
()
LATCH
12
AGND
AGND
DAC
REGISTER
DAC
REGISTER
Figure 1. Detailed Block Diagram
USING THE SP9500
External Reference
The R-2R DAC input resistance is code depen-
dent and is minimum (11k
Ω) at code 1365 and
2731. And, it is nearly infinite at code 0. Be-
cause of the code-dependent nature of the refer-
ence inputs, a high quality, low output imped-
ance amplifier should be used to drive the V
REF
and AGND inputs.
Serial Clock and Update Rate
The SP9500 maximum serial clock rate (SCLK)
is given by 1/(t
CH+tCL) which is approximately
12.5 MHz. The digital word update rate is lim-
ited by the chip select period, which is 12 X
Figure 2. Transfer Function
SCLK periods plus the CS high pulse width t
CSW.
This is equal to a 1
µs or 1 MHz update rate.
However, the DAC settling time to 12–Bits is 7.5
µs, which for full scale output transitions would
limit the update rate to 125 kHz.
Logic Interface
The SP9500 is designed to be compatible with
TTL and CMOS logic levels. However, driving
the digital inputs with TTL level signals will
increase the power consumption of the part by
300
µA. In order to achieve the lowest power
consumption use rail-to-rail CMOS levels to
drive the digital inputs.
+0.5 lsb
DNLE
-0.5 lsb
+0.5 lsb
INLE
-0.5 lsb
0
CODE
4095
DNLE, INLE Plots


Similar Part No. - SP9500

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9501AN SIPEX-SP9501AN Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9501AS SIPEX-SP9501AS Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9501BN SIPEX-SP9501BN Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9501BS SIPEX-SP9501BS Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
More results

Similar Description - SP9500

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
   Dual, 12-Bit, Voltage Output D/A Converter
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
   Quad, 12-Bit, Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9604 SIPEX-SP9604 Datasheet
185Kb / 11P
   Quad, 12-Bit, Low Power Voltage Output D/A Converter
SP9602 SIPEX-SP9602 Datasheet
194Kb / 11P
   Dual, 12-Bit, Low Power Voltage Output D/A Converter
logo
Maxim Integrated Produc...
MAX170 MAXIM-MAX170 Datasheet
453Kb / 12P
   Serial Output 5.6us 12-Bit A/D Converter
logo
Analog Devices
DAC210FX AD-DAC210FX Datasheet
1Mb / 4P
   11-BIT VOLTAGE-OUTPUT D/A CONVERTER
7/89,Rev.B1
DAC210 AD-DAC210_15 Datasheet
1Mb / 4P
   11-BIT VOLTAGE OUTPUT D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com