Electronic Components Datasheet Search |
|
BP15-005G Datasheet(PDF) 1 Page - Frontier Electronics. |
|
BP15-005G Datasheet(HTML) 1 Page - Frontier Electronics. |
1 / 2 page BP15-005G THRU BP15-10G Page: 1 Frontier Electronics Corp. 667 E. COCHRAN STREET, SIMI VALLEY, CA 93065 TEL: (805) 522-9998 FAX: (805) 522-9989 E-mail: frontiersales@frontierusa.com Web: http://www.frontierusa.com 15A HIGH CURRENT SILICON BRIDGE RECTIFIERS BP15-005G THRU BP15-10G FEATURES CURRENT RATING 15A REVERSE VOLTAGE RATING UP TO 1000V TYPICAL IR LESS THAN 1 μA HIGH TEMPERATURE SOLDERING GUARANTEED: 260 °C /10 SECOND GLASS PASSIVATED CHIP JUNCTION MECHANICAL DATA CASE: METAL HEAT SINK CASE, ELECTRICALLY INSULATED TERMINALS: UNIVERSAL .25” (6.3 mm) FAST ON DIMENSIONS IN INCHES AND (MILLIMETERS) MOUNTING METHOD: BOLT DOWN ON HEAT SINK WITH SILICON THERMAL COMPOUND BETWEEN BRIDGE AND MOUNTING SURFACE FOR MAXIMUM HEAT TRANSFER EFFICIENCY WEIGHT: 20 GRAMS MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25 °C AMBIENT TEMPERATURES UNLESS OTHERWISE SPECIFIED SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD.FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%. RATINGS SYMBOL BP15 -005G BP15 -01G BP15 -02G BP15 -04G BP15 -06G BP15 -08G BP15 -10G UNITS MAXIMUM RECURRENT PEAK REVERSE VOLTAGE VRRM 50 100 200 400 600 800 1000 V MAXIMUM RMS VOLTAGE VRMS 35 70 140 280 420 560 700 V MAXIMUM DC BLOCKING VOLTAGE VDC 50 100 200 400 600 800 1000 V MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT CURRENT AT TC=55 °C IO 15.0 A PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE SUPERIMPOSED ON RATED LOAD IFSM 300 A STORAGE TEMPERATURE RANGE TSTG - 55 TO + 175 °C OPERATING TEMPERATURE RANGE TOP - 55 TO + 175 °C ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED) CHARACTERISTICS SYMBOL BP15 -005G BP15 -01G BP15 -02G BP15 -04G BP15 -06G BP15 -08G BP15 -10G UNITS MAXIMUM INSTANTANEOUS FORWARD VOLTAGE PER BRIDGE ELEMENT AT SPECIFIED CURRENT VF 1.1 V MAXIMUM REVERSE DC CURRENT AT RATED DC BLOCKING VOLTAGE PER ELEMENT IR 10 μA NOTE: Suffix No. Versus Different Cases and Terminals DIM MIN MAX REMARK H* 0.295(7.5) 0.311(7.9) SUFFIX “S” THIN CASE I* 0.74(18.80) 0.84(21.30) SUFFIX “S” THIN CASE L* 1.09(27.89) - SUFFIX “S” THIN CASE CASE SUFFIX No TERMINAL NORMAL METAL CASE THIN METAL CASE NORMAL PLASTIC CASE ALUMINUM BASE THIN PLASTIC CASE ALUMINUM BASE FAST ON TERMINALS NO SUFFIX S P PS WIRE LEAD TERMINALS W WS PW PWS IN LINE PIN CONFIGURATION - - L LS 1.13(28.7) 1.12(28.4) 0.469(11.90) 0.429(10.90) 0.752(19.10) 0.673(17.10) + L* 1.200 (30.5) MIN 0.042(1.07) 0.038(0.97) H* 0.442(11.23) 0.432(10.97) 0.094 (2.4) diam I* 1.00(25.40) 0.90(22.86) 0.25 (6.35) 0.565(14.35) 0.525(13.35) 1.13(28.7) 1.12(28.4) 0.657(16.7) 0.618(15.7) 0.652 (16.6) 0.728(18.5) 0.689(17.5) HOLE FOR No.10 SCREW 0.2 〞 (5.08)diam. H* 0.442(11.23) 0.432(10.97) HOLE FOR No.10 SCREW 0.2 〞 (5.08)diam. |
Similar Part No. - BP15-005G |
|
Similar Description - BP15-005G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |