Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6KE16CA Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # P6KE16CA
Description  TRANSIENT VOLTAGE SUPPRESSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

P6KE16CA Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  P6KE16CA Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd P6KE16CA Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd P6KE16CA Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
600W
P6KE6.8 THRU P6KE440CA
TRANSIENT VOLTAGE SUPPRESSORS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 3
Features
l
Economical series
l
Available in both unidirectional and bidirectional construction
l
6.8 to 440 stand-off volts available
l
600 watts peak pulse power dissipation
Mechanical Characteristics
l
CASE: Void free transfer molded thermosetting plastic
l
FINISH: Silver plated copper readily solderable.
l
POLARITY: Banded denotes cathode. Bidirectional not marked.
l
WEIGHT: 0.7 Gram(Appx.).
l
MOUNTING POSITION: Any.
Maximum Ratings
Peak Pulse Power Dissipation at 25
oC: 600Watts
Steady State Power Dissipatoin:5 Watts at TL=+75
oC
3/8” Lead Length
tclamping (0 Volts to BV Min.):
Unidirectional<1x10
-12 Seconds; Bidirectoinal<5x10Seconds
-9
Operating and Storage Temperature: -55
oC to +150oC
APPLICATION
This TVS is an economical, molded, commercial product voltage-
sensitive components from destruction or partial degradation. The
response time of their clamping action is virtually instantaneous(
1X10
-12 seconds) and they have a peak pulse power rating of 600
watts for 1 ms as depicted in Figure 1 and 2. MCC also offers
various varieties of TVS to meet higher and lower power demands
and special applications.
  

"
NOTES:Forward Voltage (Vf)@!50 amps peak, 8.3 msec sine
wave equal to 3.5 volts max. (For unidirectional only)
For Bidirectional Construction, indicate a C or CA suffix
after part number,i.e.P6KE440CA.
Capacitance will be 1/2 that shown in Figure 4.


Similar Part No. - P6KE16CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE16CA PANJIT-P6KE16CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
HuaXinAn Electronics CO...
P6KE16CA HUAXINAN-P6KE16CA Datasheet
371Kb / 5P
   Transient Voltage Suppressors
logo
Pan Jit International I...
P6KE16CA PANJIT-P6KE16CA Datasheet
85Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
UN Semiconducctor INC
P6KE16CA UNSEMI-P6KE16CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Socay Electornics Co., ...
P6KE16CA SOCAY-P6KE16CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE16CA

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com