Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BP40-10 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # BP40-10
Description  40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BP40-10 Datasheet(HTML) 2 Page - Frontier Electronics.

  BP40-10 Datasheet HTML 1Page - Frontier Electronics. BP40-10 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BP40-005 THRU BP40-10
Page: 2
RATINGS AND CHARACTERISTIC CURVES BP40-005 THRU BP40-10
TJ=175℃
FIG. 4 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
400
300
200
100
40
1
1.5
2
3
4 5 6 7 8910
15 20
30 40 50 70100
NUMBER OF CYCLES AT 60HZ
SINGLE SINE-WAVE
(JEDEC Method)
FIG. 2 - TYPICAL REVERSE CHARACTERISTICS
AT TJ=25
10
1.0
0.1
.01
0
20
40
60
80
100
120
140
PERCENT OR RATED PEAK REVERSE VOLTAGE
1
1.5
2
3
4 5 6 7 8910
15 20
30 40 50 70100
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
PER BRIDGE ELEMENT
500
400
300
250
200
150
100
60
REVERSE VOLTAGE, VOLTS
TJ=25℃
f=1MHZ
Vsig=50m Vp-p
1000
500
100
50
10
5
1.0
0.1
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD
VOLTAGE, VOLTS
TJ=25℃
300us Pulse Width
1% Duty Cycle
BP40-L
IN LINE PIN CONFIGURATION
(PLASTIC CASE)
- AC +
.442
(11.23)
.432
(10.97)
.140
(3.6)
.120
(3.05)
.040
(1.2)
.75
(19.1)
1.13
(28.7)
1.12
(28.4)
.200
(5.1)
.550
(13.9)
FIG. 1 -MAXIMUM OUTPUT
RECTIFIED CURRENT
20
40
60
80
100 120 140 160 180
CASE TEMPERATURE TC
WITHOUT
HEAT SINK
WITH (400mm
2
×1.5mm)
COPPER
35
30
25
20
15
10
5
0
40


Similar Part No. - BP40-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP40-10G FRONTIER-BP40-10G Datasheet
129Kb / 2P
   40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP40-10L FRONTIER-BP40-10L Datasheet
124Kb / 2P
   40A HIGH CURRENT BRIDGE RECTIFIERS
More results

Similar Description - BP40-10

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BP40-005G FRONTIER-BP40-005G Datasheet
129Kb / 2P
   40A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP40-005L FRONTIER-BP40-005L Datasheet
124Kb / 2P
   40A HIGH CURRENT BRIDGE RECTIFIERS
logo
Transys Electronics
CM1000 TRSYS-CM1000 Datasheet
160Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIERS
logo
TAITRON Components Inco...
TB4005 TAITRON-TB4005 Datasheet
212Kb / 4P
   40A Bridge Rectifiers
logo
Frontier Electronics.
BP35-005 FRONTIER-BP35-005 Datasheet
183Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP50-005 FRONTIER-BP50-005 Datasheet
128Kb / 2P
   50A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP50-005G FRONTIER-BP50-005G Datasheet
128Kb / 2P
   50A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP15-005 FRONTIER-BP15-005 Datasheet
129Kb / 2P
   15A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP25-005G FRONTIER-BP25-005G Datasheet
129Kb / 2P
   25A HIGH CURRENT SILICON BRIDGE RECTIFIERS
BP35-005F FRONTIER-BP35-005F Datasheet
123Kb / 2P
   35A HIGH CURRENT SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com