Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ100A(CA) Datasheet(PDF) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMBJ100A(CA)
Description  SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMBJ100A(CA) Datasheet(HTML) 1 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMBJ100A(CA) Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ100A(CA) Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ100A(CA) Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
600W
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
1 of 3
SMBJ5.0 THRU SMBJ170CA
Features
For surface mounted application
Low profile package
Built-in strain relief
Glass passivated junction
Excellent clamping capability
Fast response time: Typically less than 1.0ps
from 0 volt to BV min.
Typical IR less than 1
μA above 10V
High temperature soldering guaranteed:
260oC / 10 seconds at terminals
Plastic material used carries Underwriters
Laboratory Flammability Classification 94V-0
600 watts peak pulse power capability with a 10
x 1000 us waveform by 0.01% duty cycle
Mechanical Data
Case: Molded plastic
Terminals: Pure tin plated lead free,
Polarity: Indicated by cathode band except
bipolar
Standard packaging: 12mm tape (EIA STD
RS-481)
Weight: 0.093gram
MAXIMUM RATINGS
Rating at Ta = 25
?C ambient temperature unless otherwise specified.
Rating
Symbol
Value
Units
Peak Pulse Power Dissipation on 10/1000
µs (1)
waveform (Notes 1, 2, Fig. 3)
PPPM
Minimum 600
Watts
Peak Pulse Current on 10/1000
µs
waveform (Note 1, Fig. 5)
IPPM
See Table
Amps
Peak forward Surge Current
8.3 ms single half sine-wave superimposed on
rated load ( JEDEC Method )(Notes 2, 3)
Maximum Instantaneous Forward Voltage at 50A (Note 3,4 )
VFM
See Note 3, 4
Volts
Operating Junction and Storage Temperature Range
TJ, TSTG
- 65 to + 150
?C
Note :
(1) Non-repetitive Current pulse, per Fig. 5 and derated above Ta = 25
?C per Fig. 1
(2) Mounted on 5.0mm2 (0.013mm thick) land areas.
(3) Measured on 8.3ms. Single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minutes maximum.
(4) VF=3.5V for SMBJ5.0 thru SMBJ90 devices and VF=5V for SMBJ100 thru SMBJ170 devices.
UPDATE : MAY 25, 2000


Similar Part No. - SMBJ100A(CA)

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SMBJ100A LITTELFUSE-SMBJ100A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
Yangzhou yangjie electr...
SMBJ100A YANGJIE-SMBJ100A Datasheet
213Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMBJ100A JGD-SMBJ100A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ100A SOCAY-SMBJ100A Datasheet
632Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Taiwan Semiconductor Co...
SMBJ100A TSC-SMBJ100A Datasheet
338Kb / 7P
   600 Watts Suface Mount Transient Voltage Suppressor
More results

Similar Description - SMBJ100A(CA)

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMAJ5.0 TAYCHIPST-SMAJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
logo
First Silicon Co., Ltd
5.0SMDJ11A FS-5.0SMDJ11A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
5.0SMDJXXCA FS-5.0SMDJXXCA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com