Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMAJ130A(CA) Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMAJ130A(CA)
Description  SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMAJ130A(CA) Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMAJ130A(CA) Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMAJ130A(CA) Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd SMAJ130A(CA) Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
400W
SMAJ5.0 THRU SMAJ170CA
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
2 of 3
Device Type
设备类型
Device
marking
code
设备标示代码
Breakdown
voltage VBR@IT
击穿电压 VBR@IT
Test current
当前测试
电流
Stand-off
voltage
关断电压
Maximum reverse
leakage@VWM
最大反向
电流@VWM
Maximum peak pulse
surge current
最大峰值浪涌电流
Maximum clamping
voltage@IPPM
最大箝位电压@IPPM
V
IT
VWM
ID
IPPM
VC
UNI
BI
MIN
MAX
mA
V
μA
A
V
SMAJ5.0A(CA)
AE
WE
6.40
7.07
10
5.0
800
43.5
9.2
SMAJ6.0A(CA)
AG
WG
6.67
7.37
10
6.0
800
38.8
10.3
SMAJ6.5ACA)
AK
WK
7.22
7.98
10
6.5
500
35.7
11.2
SMAJ7.0A(CA)
AM
WM
7.78
8.60
10
7.0
200
33.3
12.0
SMAJ7.5A(CA)
AP
WP
8.33
9.21
1.0
7.5
100
31.0
12.9
SMAJ8.0A(CA)
AR
WR
8.89
9.83
1.0
8.0
50
29.4
13.6
SMAJ8.5A(CA)
AT
WT
9.44
10.4
1.0
8.5
10
27.8
14.4
SMAJ9.0A(CA)
AV
WV
10.0
11.1
1.0
9.0
5.0
26.0
15.4
SMAJ10A(CA)
AX
WX
11.1
12.3
1.0
10
1.0
23.5
17.0
SMAJ11A(CA)
AZ
WZ
12.2
13.5
1.0
11
1.0
22.0
18.2
SMAJ12A(CA)
BE
XE
13.3
14.7
1.0
12
1.0
20.1
19.9
SMAJ13A(CA)
BG
XG
14.4
15.9
1.0
13
1.0
18.6
21.5
SMAJ14A(CA)
BK
XK
15.6
17.2
1.0
14
1.0
17.2
23.2
SMAJ15A(CA)
BM
XM
16.7
18.5
1.0
15
1.0
16.4
24.4
SMAJ16A(CA)
BP
XP
17.8
19.7
1.0
16
1.0
15.4
26.0
SMAJ17A(CA)
BR
XR
18.9
20.9
1.0
17
1.0
14.5
27.6
SMAJ18A(CA)
BT
XT
20.0
22.1
1.0
18
1.0
13.7
29.2
SMAJ20A(CA)
BV
XV
22.2
24.5
1.0
20
1.0
12.3
32.4
SMAJ22A(CA)
BX
XX
24.4
26.9
1.0
22
1.0
11.3
35.5
SMAJ24A(CA)
BZ
XZ
26.7
29.5
1.0
24
1.0
10.3
38.9
SMAJ26A(CA)
CE
YE
28.9
31.9
1.0
26
1.0
9.5
42.1
SMAJ28A(CA)
CG
YG
31.1
34.4
1.0
28
1.0
8.8
45.4
SMAJ30A(CA)
CK
YK
33.3
36.8
1.0
30
1.0
8.3
48.4
SMAJ33A(CA)
CM
YM
36.7
40.6
1.0
33
1.0
7.5
53.3
SMAJ36A(CA)
CP
YP
40.0
44.2
1.0
36
1.0
6.9
58.1
SMAJ40A(CA)
CR
YR
44.4
49.1
1.0
40
1.0
6.2
64.5
SMAJ43A(CA)
CT
YT
47.8
52.8
1.0
43
1.0
5.8
69.4
SMAJ45A(CA)
CV
YV
50.0
55.3
1.0
45
1.0
5.5
72.7
SMAJ48A(CA)
CX
YX
53.3
58.9
1.0
48
1.0
5.2
77.4
SMAJ51A(CA)
CZ
YZ
56.7
62.7
1.0
51
1.0
4.9
82.4
SMAJ54A(CA)
RE
ZE
60.0
66.3
1.0
54
1.0
4.6
87.1
SMAJ58A(CA)
RG
ZG
64.4
71.2
1.0
58
1.0
4.3
93.6
SMAJ60A(CA)
RK
ZK
66.7
73.7
1.0
60
1.0
4.1
96.8
SMAJ64A(CA)
RM
ZM
71.1
78.6
1.0
64
1.0
3.9
103
SMAJ70A(CA)
RP
ZP
77.8
86.0
1.0
70
1.0
3.5
113
SMAJ75A(CA)
RR
ZR
83.3
92.1
1.0
75
1.0
3.3
121
SMAJ78A(CA)
RT
ZT
86.7
95.8
1.0
78
1.0
3.2
126
SMAJ85A(CA)
RV
ZV
94.4
104
1.0
85
1.0
2.2
137
SMAJ90A(CA)
RX
ZX
100
111
1.0
90
1.0
2.1
146
SMAJ100A(CA)
RZ
ZZ
111
123
1.0
100
1.0
1.9
162
SMAJ110A(CA)
SE
VE
122
135
1.0
110
1.0
1.7
177
SMAJ120A(CA)
VG
VG
133
147
1.0
120
1.0
1.6
193
SMAJ130A(CA)
VK
VK
144
159
1.0
130
1.0
1.4
209
SMAJ150A(CA)
VM
VM
167
185
1.0
150
1.0
1.2
143
SMAJ160A(CA)
SP
VP
178
197
1.0
160
1.0
1.2
259
SMAJ170A(CA)
SR
VR
189
209
1.0
170
1.0
1.09
275
SMAJ188A(CA)
SS
VS
209
231
1.0
188
1.0
0.91
328


Similar Part No. - SMAJ130A(CA)

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMAJ130A LUGUANG-SMAJ130A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ130A SUNMATE-SMAJ130A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR DIODE
logo
Jinan Gude Electronic D...
SMAJ130A JGD-SMAJ130A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ130A SOCAY-SMAJ130A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ130A SOCAY-SMAJ130A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - SMAJ130A(CA)

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SMBJ5.0 TAYCHIPST-SMBJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE RECTIFIERS
logo
First Silicon Co., Ltd
5.0SMDJ11A FS-5.0SMDJ11A Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
5.0SMDJXXCA FS-5.0SMDJXXCA Datasheet
312Kb / 3P
   Surface Mount Transient Voltage Suppressor Rectifiers
2019. 12. 06 Revision No : 0
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
EIC discrete Semiconduc...
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com