Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU6-04 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BU6-04
Description  6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BU6-04 Datasheet(HTML) 1 Page - Frontier Electronics.

  BU6-04 Datasheet HTML 1Page - Frontier Electronics. BU6-04 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BU6-005 THRU BU6-10
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005 THRU BU6-10
FEATURES
PLASTIC MATERIAL HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED: 260°C /10S
0.375”(9.5mm) LEAD LENGTH AT 5 LBS (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DIMENSIONS IN INCHES
AND (MILLIMETERS
TERMINALS: LEADS SOLDERABLE PER MIL-STD-202,
METHOD 208
MOUNTING POSITION: ANY
MOUNTING TORQUE: 5 IN-LB MAX
WEIGHT: 8.0 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL BU6-005 BU6-01 BU6-02 BU6-04 BU6-06 BU6-08 BU6-10 UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD RECTIFIED OUTPUT
CURRENT (SEE FIG.1)
IO
6.0
A
PEAK FORWARD SURGE CURRENT SINGLE SINE-WAVE
SUPERIMPOSED ON RATED LOAD
IFSM
250
A
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
ºC
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ºC
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL BU6-005 BU6-01 BU6-02 BU6-04 BU6-06 BU6-08 BU6-10 UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT IFM
VF
1.0
V
MAXIMUM REVERSE LEAKAGE AT RATED DC BLOCKING
VOLTAGE PER ELEMENT TA=25ºC , TC=100ºC
IR
10
μA
0.700(17.8)
0.600(16.8)
0.780(19.8)
0.740(18.8)
.935(23.7)
.895(22.7)
1.00
(25.4)
0.283(7.2)
0.256(6.5)
0.220(5.6)
0.180(4.6)
0.087(2.2)
0.071(1.8)
-
AC
+
0.15
∅ x 0.23L
(3.8
∅ x 5.7L)
HOLE THRU
0.300
(7.5)


Similar Part No. - BU6-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
BU6-04-LFR FRONTIER-BU6-04-LFR Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-04F FRONTIER-BU6-04F Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
More results

Similar Description - BU6-04

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
GBU6-005 FRONTIER-GBU6-005 Datasheet
124Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-005-LFR FRONTIER-GBU6-005-LFR Datasheet
124Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005-LFR FRONTIER-BU6-005-LFR Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BU6-005F FRONTIER-BU6-005F Datasheet
121Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
GBU6-06-BF52-LFR FRONTIER-GBU6-06-BF52-LFR Datasheet
123Kb / 2P
   6A SILICON SINGLE-PHASE BRIDGE RECTIFIERS
BP6-005 FRONTIER-BP6-005 Datasheet
56Kb / 2P
   6A SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Chip Integration Techno...
GBJ6005 CITC-GBJ6005 Datasheet
93Kb / 3P
   6A Miniature Glass Passivated Single-Phase Bridge Rectifiers
GBU6005 CITC-GBU6005 Datasheet
91Kb / 3P
   6A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
Rugao Dachang Electroni...
GBP301G DACHANG-GBP301G Datasheet
284Kb / 2P
   Single phase Silicon Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
KBPC10005 SEMTECH_ELEC-KBPC10005 Datasheet
332Kb / 2P
   SINGLE-PHASE SILICON BRIDGE RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com