Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCM69L735ZP6.5R Datasheet(PDF) 8 Page - Motorola, Inc

Part # MCM69L735ZP6.5R
Description  128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69L735ZP6.5R Datasheet(HTML) 8 Page - Motorola, Inc

Back Button MCM69L735ZP6.5R Datasheet HTML 4Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 5Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 6Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 7Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 8Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 9Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 10Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 11Page - Motorola, Inc MCM69L735ZP6.5R Datasheet HTML 12Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
MCM69L735
8
MOTOROLA FAST SRAM
AC OPERATING CONDITIONS AND CHARACTERISTICS
(3.6 V
≥ VDD ≥ 3.135 V, 70°C ≥ TA ≥ 0°C, Unless Otherwise Noted)
Input Timing Measurement Reference Level
1.5 V
. . . . . . . . . . . . . . .
Input Pulse Levels
0 to 3.0 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Slew Rate (See Note 1)
1.0 V/ns
. . . . . . . . . . . . . . . . . . . . . . . . .
Output Timing Reference Level
1.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . .
Output Load
See Figure 2 Unless Otherwise Noted
. . . . . . . . . . . . . .
Output Rise/Fall Times (Max)
2.0 ns
. . . . . . . . . . . . . . . . . . . . . . . . . . .
READ/WRITE CYCLE TIMING (See Notes 1 and 2)
P
Sb l
MCM69L735–6
150 MHz
MCM69L735–6.5
133 MHz
MCM69L735–7
117 MHz
Ui
N
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Unit
Notes
Cycle Time
tKHKH
6.7
7.5
8.5
ns
Clock High Pulse Width
tKHKL
2.5
2.5
3
ns
Clock Low Pulse Width
tKLKH
2.5
2.5
3
ns
Clock Access Time
tKHQV
6
6.5
7
ns
3
Output Enable to Output Valid
tGLQV
3.5
3.5
3.5
ns
3
Clock Low to Output Valid
tKLQV
2.8
2.9
3
ns
Clock Low to Output Active
tKLQX1
0
0
0
ns
Clock Low to Output Change
tKLQX2
1
1
1
ns
Output Enable to Output Active
tGLQX
0
0
0
ns
3, 4, 5
Output Disable to Q High–Z
tGHQZ
3.5
3.5
3.5
ns
3, 4, 5
Clock High to Q High–Z
tKHQZ
1
3.5
1
3.5
1
3.5
ns
3, 4, 5
Setup Times:
Address
Data In
Write
Chip Enable
ADSP, ADSC, ADV
tADKH
tDVKH
tWVKH
tEVKH
tADSKH
0.5
0.5
0.5
0.5
1.5
0.5
0.5
0.5
0.5
1.5
0.5
0.5
0.5
0.5
1.5
ns
Hold Times:
Address
ADSP, ADSC, ADV
Data In
Write
Chip Enable
tKHAX
tKHADSX
tKHDX
tKHWX
tKHEX
1.0
1.0
1.0
ns
NOTES:
1. Write is defined as either any SBx and SW low or SGW is low. Chip Enable is defined as SE1 low, SE2 high, and SE3 low whenever ADSP
or ADSC is asserted.
2. All read and write cycle timings are referenced from K or G.
3. Tested per AC Test Load, Figure 2.
4. Measured at
± 200 mV from steady state.
5. This parameter is sampled and not 100% tested.


Similar Part No. - MCM69L735ZP6.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69L736A MOTOROLA-MCM69L736A Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L736AZP10.5 MOTOROLA-MCM69L736AZP10.5 Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L736AZP10.5R MOTOROLA-MCM69L736AZP10.5R Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L736AZP7.5 MOTOROLA-MCM69L736AZP7.5 Datasheet
225Kb / 20P
   4M Late Write HSTL
MCM69L736AZP7.5R MOTOROLA-MCM69L736AZP7.5R Datasheet
225Kb / 20P
   4M Late Write HSTL
More results

Similar Description - MCM69L735ZP6.5R

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69F735 MOTOROLA-MCM69F735 Datasheet
181Kb / 16P
   128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63P733A MOTOROLA-MCM63P733A Datasheet
238Kb / 16P
   128K x 32 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P736 MOTOROLA-MCM63P736 Datasheet
315Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P737K MOTOROLA-MCM63P737K Datasheet
395Kb / 20P
   128K x 36 and 256K x 18 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P536C MOTOROLA-MCM69P536C Datasheet
210Kb / 12P
   32K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM63P636 MOTOROLA-MCM63P636 Datasheet
328Kb / 27P
   64K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com