Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DF06S Datasheet(PDF) 1 Page - Frontier Electronics.

Part # DF06S
Description  1A SURFACE MOUNT BRIDGE RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

DF06S Datasheet(HTML) 1 Page - Frontier Electronics.

  DF06S Datasheet HTML 1Page - Frontier Electronics. DF06S Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF005S THRU DF10S
Page: 1
+
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1A SURFACE MOUNT BRIDGE RECTIFIERS
DF005S THRU DF10S
FEATURES
PLASTIC MATERIAL USED CARRIES UNDERWRITERS
LABORATORY RECOGNITION 94V-0
GLASS PASSIVATED CHIP
IDEAL FOR PRINTED CIRCUIT BOARD
HIGH TEMPERATURE SOLDERING GUARANTEED:
260
°C /10S AT 5 LBS., (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DFS, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: LEAD SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY: POLARITY SYMBOLS MARKED ON BODY
MOUNTING POSITION: ANY
WEIGHT: 0.38 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
200
400
600
800
1000
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
140
280
420
560
700
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
200
400
600
800
1000
V
MAXIMUM AVERAGE FORWARD OUTPUT RECTIFIED CURRENT
AT TA=40
°C
IO
1.0
A
PEAK FORWARD SURGE CURRENT SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE PER ELEMENT (NOTE 1)
CJ
25
PF
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL DF005S
DF01S
DF02S
DF04S
DF06S
DF08S
DF10S UNITS
MAXIMUM INSTANTANEOUS FORWARD VOLTAGE DROP PER
ELEMENT AT Io DC
VF
1.1
V
MAXIMUM REVERSE CURRENT
TA=25
AT RATED DC BLOCKING VOLTAGE PER ELEMENT
TA=125
IR
10
0.5
μA
mA
NOTE:
1. MEASURED AT 1.0 MHZ AND APPLIED REVERSE VOLTAGE OF 4.0 VOLTS
0.134(3.40)
0.124(3.15)
0.346(8.8)
0.323(8.2)
0.205(5.2)
0.197(5.0)
0.047(1.20)
0.037(0.95)
~
-
~
0.406(10.3)
0.391(10.0)
0.335(8.5)
0.307(7.8)
0.140(0.35)
0.008(0.20)
0.255(6.5)
0.245(6.2)


Similar Part No. - DF06S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
DF06S WTE-DF06S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SHENZHEN YONGERJIA INDU...
DF06S WINNERJOIN-DF06S Datasheet
216Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Fairchild Semiconductor
DF06S FAIRCHILD-DF06S Datasheet
190Kb / 3P
   Bridge Rectifiers
logo
Diodes Incorporated
DF06S DIODES-DF06S Datasheet
227Kb / 8P
   AL9910EV4 Evaluation board connection diagram
logo
Diotech Company.
DF06S DIOTECH-DF06S Datasheet
812Kb / 2P
   GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - DF06S

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
DF005S-LFR FRONTIER-DF005S-LFR Datasheet
121Kb / 2P
   1A SURFACE MOUNT BRIDGE RECTIFIERS
logo
SeCoS Halbleitertechnol...
MB101F SECOS-MB101F Datasheet
210Kb / 2P
   100V ~ 1000V, 1A Surface Mount Bridge Rectifiers
logo
DONGGUAN YOU FENG WEI E...
MB14F-MBF YFWDIODE-MB14F-MBF Datasheet
427Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14F-ABF YFWDIODE-TB14F-ABF Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
TB14S-LBF YFWDIODE-TB14S-LBF Datasheet
422Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
UMB14 YFWDIODE-UMB14 Datasheet
434Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14S-MBS YFWDIODE-MB14S-MBS Datasheet
433Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F YFWDIODE-MB14F Datasheet
91Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
MB14F YFWDIODE-MB14F_V01 Datasheet
497Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
logo
SHIKUES Electronics
MB14S SKTECHNOLGY-MB14S Datasheet
298Kb / 3P
   1A SURFACE MOUNT SCHOTTKY BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com