Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM520-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # EM520-LFR
Description  1A GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

EM520-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  EM520-LFR Datasheet HTML 1Page - Frontier Electronics. EM520-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
EM513-LFR THRU EM520-LFR
Page: 2
RATINGS AND CHARACTERISTIC CURVES EM513-LFR THRU EM520-LFR
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
100
10
1
0.1
1
10
100
REVERSE VOLTAGE, VOLTS
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
10
4
1.0
.4
.1
.04
.01
0
20
40
60
80
100
120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE. (%)
FIG. 5 - TYPICAL REVERSE CHARACTERISTICS
TJ=100℃
TJ=25℃
20
10
4
2
1.0
.4
.2
.1
.04
.02
.01
.6
.8
1.0
1.2
1.4
1.5
FIG. 2 - TYPICAL FORWARD CHARACTERISTICS
30
24
18
12
6
1
2
4
6
8 10
20
40
6080100
NUMBER OF CYCLES AT 60HZ
FIG. 3 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
TJ=25℃
Pulse Width=300us
2% Duty Cycle
1.6
1.4
1.2
1.0
.8
.6
.4
.2
0
0
20
40
60
80
100
120
140
160
180
AMBIENT TEMPERATURE,
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
MAXIMUM AVERAGE CURRENT RATING
SINGLE PHASE, HALF-WAVE, 60HZ RESISTIVE
OR INDUCTIVE
LOAD .375”(9mm) LEAD
LENGTHS


Similar Part No. - EM520-LFR

ManufacturerPart #DatasheetDescription
logo
Dc Components
EM520 DCCOM-EM520 Datasheet
376Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Zibo Seno Electronic En...
EM520 ZSELEC-EM520 Datasheet
144Kb / 2P
   0.5A SURFACE MOUNT HIGH VOLTAGE RECTIFIER
logo
Dc Components
EM520 DCCOM-EM520 Datasheet
377Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
EM520 TAYCHIPST-EM520 Datasheet
715Kb / 2P
   GENERAL PURPOSE RECTIFIERS
logo
Frontier Electronics.
EM520 FRONTIER-EM520 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
More results

Similar Description - EM520-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
1N4001S FRONTIER-1N4001S Datasheet
66Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001-LFR FRONTIER-1N4001-LFR Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
EM513 FRONTIER-EM513 Datasheet
120Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
GP10-005R FRONTIER-GP10-005R Datasheet
132Kb / 3P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4001 FRONTIER-1N4001 Datasheet
130Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
1N4007 FRONTIER-1N4007 Datasheet
62Kb / 2P
   1A GENERAL PURPOSE PLASTIC RECTIFIER
A005-LFR FRONTIER-A005-LFR Datasheet
131Kb / 2P
   1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Cystech Electonics Corp...
DI4005SH CYSTEKEC-DI4005SH Datasheet
238Kb / 6P
   1A General Purpose Rectifier
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com