Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES3A-LFR Datasheet(PDF) 2 Page - Frontier Electronics.

Part # ES3A-LFR
Description  3A FAST EFFICIENT SURFACE MOUNT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

ES3A-LFR Datasheet(HTML) 2 Page - Frontier Electronics.

  ES3A-LFR Datasheet HTML 1Page - Frontier Electronics. ES3A-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ES3A-LF THRU ES3J-LF
Page: 2
RATINGS AND CHARACTERISTIC CURVE ES3A-LFR THRU ES3J-LFR
FIG. 5-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
100
80
60
40
20
0
0
10
100
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2
.4
1.0 2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
TJ=25
oC
+0.5A
0
-0.25A
-1.0A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100 120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=25
oC
TJ=80
oC
TJ=125
oC
1000
100
10
1
0.1
.01
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.4
.6
.8
1.0 1.2 1.4
1.6
1.8
2.0
INSTANTANEOUS FORWARD VOLTAGE (V)
ES3A-LF ~ES3D-LF
ES3J-LF
10.0
1.0
.1
.01
.001
ES3E-LF ~ES3G-LF
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
20 40 60 80 100 120 140 160 180 200
LEAD TEMPERATURE (
oC)
SINGLE PHASE
HALF WAVE 60Hz
RESISTIVE OR
INDUCTIVE LOAD
P.C.B MOUNTED ON
0.3×0.3”(8.0×8.0mm)
COPPER PAD AREAS
3.0
2.0
1.0
0
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - ES3A-LFR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A-13-F DIODES-ES3A-13-F Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
DONGGUAN YOU FENG WEI E...
ES3A-SMB YFWDIODE-ES3A-SMB Datasheet
91Kb / 2P
   Super Fast recovery rectifiers
ES3A-SMC YFWDIODE-ES3A-SMC Datasheet
101Kb / 2P
   Super Fast recovery rectifiers
More results

Similar Description - ES3A-LFR

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
FE30-005 NJSEMI-FE30-005 Datasheet
103Kb / 1P
   3A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE30-005 FRONTIER-FE30-005 Datasheet
129Kb / 2P
   3A FAST EFFICIENT RECTIFIER
FE30-005-LFR FRONTIER-FE30-005-LFR Datasheet
129Kb / 2P
   3A FAST EFFICIENT RECTIFIER
logo
Gaomi Xinghe Electronic...
ES2A GXELECTRONICS-ES2A Datasheet
1Mb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
General Semiconductor
ES2A GE-ES2A Datasheet
100Kb / 2P
   SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
YENYO TECHNOLOGY Co., L...
EFS1A YENYO-EFS1A Datasheet
663Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES1A YENYO-ES1A Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES2A YENYO-ES2A Datasheet
801Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS1AB YENYO-EFS1AB Datasheet
709Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3A YENYO-ES3A Datasheet
754Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com