Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03C56 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # BZT03C56
Description  SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

BZT03C56 Datasheet(HTML) 1 Page - Frontier Electronics.

  BZT03C56 Datasheet HTML 1Page - Frontier Electronics. BZT03C56 Datasheet HTML 2Page - Frontier Electronics. BZT03C56 Datasheet HTML 3Page - Frontier Electronics. BZT03C56 Datasheet HTML 4Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BZT03C6V2 THRU BZT03C270
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
BZT03C6V2 THRU BZT03C270
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
EXCELLENT CLAMPING CAPABILITY
LOW ZENER IMPEDANCE
FAST RESPONSE TIME: TYPICALLY LESS THAN 1.0 ps FROM
0 VOLTS TO BV MIN
HIGH TEMPERATURE SOLDERING GUARANTEED:260°C/10S
/.375” (9.5mm) LEAD LENGTH/5LBS., (2.3KG) TENSION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS, SOLDERABLE PER MIL-STD-202,
METHOD 208
POLARITY: COLOR BAND DENOTED CATHODE EXCEPT
BIPOLAR
WEIGHT: 0.4 GRAMS
ABSOLUTE MAXIMUM RATINGS
Tj = 25
RATINGS
TEST CONDITIONS
SYMBOL
VALUE
UNITS
l=10mm
;T
L=25℃
3.25
W
POWER DISSIPATION
Tamb=25
PV
1.30
W
REPETITIVE PEAK REVERSE POWER DISSIPATION
PZRM
10
W
NON REPETITIVE PEAK SURGE POWER DISSIPATION
Tp=100us
;Tj=25℃
PZSM
600
W
JUNCTION TEMPERATURE
TJ
175
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 175
MAXIMUM THERMAL RESISTANCE
Tj = 25
RATINGS
TEST CONDITIONS
SYMBOL
VALUE
UNITS
l=10mm
;T
L=CONSTANT
JUNCTION AMBIENT
ON PC BOARD WITH SPACING 25mm
RthJA
46
100
K/W
ELECTRICAL CHARACTERISTICS
Tj = 25
RATINGS
TEST CONDITIONS
SYMBOL
VALUE
UNITS
FORWARD VOLTAGE
IF=0.5A
VF
1.2
V
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - BZT03C56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C56 VISHAY-BZT03C56 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZT03C56 NJSEMI-BZT03C56 Datasheet
268Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZT03C56 BILIN-BZT03C56 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03C56 VISHAY-BZT03C56 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C56 VISHAY-BZT03C56 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results

Similar Description - BZT03C56

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C VISHAY-BZT03C Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
SEMTECH ELECTRONICS LTD...
BZT03C7V5 SEMTECH_ELEC-BZT03C7V5 Datasheet
259Kb / 4P
   SILICON Z-DIODES AND TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
BZT03D VISHAY-BZT03D Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03D VISHAY-BZW03D Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
BZW03C VISHAY-BZW03C Datasheet
64Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
Shanghai Leiditech Elec...
5KP5.0A LEIDITECH-5KP5.0A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
SA5.0 LEIDITECH-SA5.0 Datasheet
689Kb / 5P
   Transient Voltage Suppressors Diodes
SMDJ200A LEIDITECH-SMDJ200A Datasheet
793Kb / 5P
   Transient Voltage Suppressors Diodes
P6KE6.8A LEIDITECH-P6KE6.8A Datasheet
1Mb / 5P
   Transient Voltage Suppressors Diodes
5KP200A LEIDITECH-5KP200A Datasheet
409Kb / 5P
   Transient Voltage Suppressors Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com