Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FE20-005-LFR Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FE20-005-LFR
Description  2A FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FE20-005-LFR Datasheet(HTML) 1 Page - Frontier Electronics.

  FE20-005-LFR Datasheet HTML 1Page - Frontier Electronics. FE20-005-LFR Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE20-005-LFR THRU FE20-08-LFR
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A FAST EFFICIENT RECTIFIER
FE20-005-LFR THRU FE20-08-LFR
FEATURES
LOW POWER LOSS, HIGH EFFICIENCY
LOW LEAKAGE
LOW FORWARD VOLTAGE DROP
HIGH CURRENT CAPABILITY
HIGH SPEED SWITCHING
HIGH RELIABILITY
HIGH CURRENT SURGE
GLASS PASSIVATED CHIP JUNCTION
ROSH
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
EPOXY: UL 94V-0 RATE FLAME RETARDANT
LEAD: MIL-STD-202E METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
FE20
-005
-LFR
FE20
-01
-LFR
FE20
-015
-LFR
FE20
-02
-LFR
FE20
-03
-LFR
FE20
-04
-LFR
FE20
-05
-LFR
FE20
-06
-LFR
FE20
-08
-LFR
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
300
400
500
600
800
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
210
280
350
420
560
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
150
200
300
400
500
600
800
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
70
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
FE20
-005
-LFR
FE20
-01
-LFR
FE20
-015
-LFR
FE20
-02
-LFR
FE20
-03
-LFR
FE20
-04
-LFR
FE20
-05
-LFR
FE20
-06
-LFR
FE20
-08
-LFR
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.98
1.25
1.85
2.60
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
25
nS
NOTE:
1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20
×20×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - FE20-005-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FE20-005 FRONTIER-FE20-005 Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
More results

Similar Description - FE20-005-LFR

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FE20-005 FRONTIER-FE20-005 Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
ES2A-LFR FRONTIER-ES2A-LFR Datasheet
129Kb / 2P
   2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
MUR260 TSC-MUR260 Datasheet
331Kb / 5P
   2A, 600V High Efficient Rectifier
logo
List of Unclassifed Man...
IFE80-06 ETC1-IFE80-06 Datasheet
86Kb / 2P
   8A FAST EFFICIENT RECTIFIER
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
FX2000A DIOTEC-FX2000A_18 Datasheet
144Kb / 2P
   Fast Efficient Rectifier Diodes
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com