Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FE10-03 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # FE10-03
Description  1A FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FE10-03 Datasheet(HTML) 2 Page - Frontier Electronics.

  FE10-03 Datasheet HTML 1Page - Frontier Electronics. FE10-03 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FE10-005 THRU FE10-08
Page: 2
RATINGS AND CHARACTERISTIC CURVE FE10-005 THRU FE10-08
FIG. 5-MAXIMUN NON-REPETITIVE
FORWARD SURGE CURRENT
40
30
25
20
15
10
5
0
1
5
10
20
50
100
NUMBER OF CYCLES AT 60 Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
FIG. 6-TYPICAL JUNCTION CAPACITANCE
.1
.2 .4
1.0 2
4
10
20
40
100
REVERSE VOLTAGE (V)
200
100
40
20
10
6
4
2
1
TJ=25
oC
2.0
1.0
0
25 50 75 100 125 150 175
AMBIENT TEMPERATURE (
oC)
FIG. 2-TYPICAL FORWARD
CURRENT DERATING CURVE
Single Phase Half
Wave 60 Hz Resistive
or Inductive Load
+0.5A
0
-0.25A
Trr
1cm
SET TIME BASE
FOR 10/20 ns/cm
FIG. 3-TYPICAL REVERSE CHARACTERISTICS
20
40
60
80
100 120
140
PERCENT OF RATED PEAK REVERSE VOLTAGE (%)
TJ=25
oC
TJ=80
oC
TJ=125
oC
100
10
1.0
0.1
0.01
FIG. 4-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
.2
.4
.6
.8
1.0 1.2 1.4
1.6 1.8
INSTANTANEOUS FORWARD VOLTAGE (V)
FE10-005~10-02
FE10-06
10
1.0
.1
.01
.001
FE10-03~10-04
FIG. 1-TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTIC
PULSE
GENERATOR
( NOTE 2 )
(+)
25 Vdc
(approx)
(-)
D.U.T.
1
Ω
NON
INDUCTIVE
OSCILLOSCOPE
( NOTE 1 )
50
Ω
NO INDUCTIVE
100
Ω
NO INDUCTIVE
(-)
(+)
NOTE: 1. RISE TIME=7ns MAX. INPUT
IMPEDANCE=1 MOhms 22PF
2. RISE TIME =10ns MAX. SOURCE
IMPEDANCE=50 OHMS


Similar Part No. - FE10-03

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE100-20 ETC1-FE100-20 Datasheet
47Kb / 1P
   STANDARD CRYSTALS
FE1001 ETC1-FE1001 Datasheet
524Kb / 13P
   Elrctro-Optical, Environmental and Mechanical
logo
Purdy Electronics Corpo...
FE1001 PURDY-FE1001 Datasheet
54Kb / 1P
   LCD Panel Display
FE1001W PURDY-FE1001W Datasheet
396Kb / 4P
   Liquid Crystal Displays
More results

Similar Description - FE10-03

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
MUR105 FRONTIER-MUR105 Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
MUR105-LFR FRONTIER-MUR105-LFR Datasheet
128Kb / 2P
   1A ULTRA FAST EFFICIENT RECTIFIER
logo
List of Unclassifed Man...
IFE80-06 ETC1-IFE80-06 Datasheet
86Kb / 2P
   8A FAST EFFICIENT RECTIFIER
logo
Frontier Electronics.
FE20-005 FRONTIER-FE20-005 Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
FX2000A DIOTEC-FX2000A_18 Datasheet
144Kb / 2P
   Fast Efficient Rectifier Diodes
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com