Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FE20-08 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FE20-08
Description  2A FAST EFFICIENT RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FE20-08 Datasheet(HTML) 1 Page - Frontier Electronics.

  FE20-08 Datasheet HTML 1Page - Frontier Electronics. FE20-08 Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FE20-005 THRU FE20-08
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
2A FAST EFFICIENT RECTIFIER
FE20-005 THRU FE20-08
FEATURES
LOW POWER LOSS, HIGH EFFICIENCY
LOW LEAKAGE
LOW FORWARD VOLTAGE DROP
HIGH CURRENT CAPABILITY
HIGH SPEED SWITCHING
HIGH RELIABILITY
HIGH CURRENT SURGE
GLASS PASSIVATED CHIP JUNCTION
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO15, DIMENSIONS
IN INCHES AND (MILLIMETERS)
EPOXY: UL 94V-0 RATE FLAME RETARDANT
LEAD: MIL-STD-202E METHOD 208C GUARANTEED
MOUNTING POSITION: ANY
WEIGHT: 0.4 GRAMS
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE SPECIFIED
SINGLE PHASE, HALF WAVE, 60 HZ, RESISTIVE OR INDUCTIVE LOAD. FOR CAPACITIVE LOAD, DERATE CURRENT BY 20%
RATINGS
SYMBOL
FE20
-005
FE20
-01
FE20
-015
FE20
-02
FE20
-03
FE20
-04
FE20
-05
FE20
-06
FE20
-08
UNITS
MAXIMUM RECURRENT PEAK REVERSE VOLTAGE
VRRM
50
100
150
200
300
400
500
600
800
V
MAXIMUM RMS VOLTAGE
VRMS
35
70
105
140
210
280
350
420
560
V
MAXIMUM DC BLOCKING VOLTAGE
VDC
50
100
150
200
300
400
500
600
800
V
MAXIMUM AVERAGE FORWARD RECTIFIED CURRENT
0.375”(9.5mm) LEAD LENGTH AT TA=55
°C
IO
2.0
A
PEAK FORWARD SURGE CURRENT, 8.3ms SINGLE HALF
SINE-WAVE SUPERIMPOSED ON RATED LOAD
IFSM
50
A
TYPICAL JUNCTION CAPACITANCE (NOTE 1)
CJ
70
PF
TYPICAL THERMAL RESISTANCE (NOTE 2)
Rθja
40
℃/W
STORAGE TEMPERATURE RANGE
TSTG
- 55 TO + 150
OPERATING TEMPERATURE RANGE
TOP
- 55 TO + 150
ELECTRICAL CHARACTERISTICS (AT TA =25°C UNLESS OTHERWISE NOTED)
CHARACTERISTICS
SYMBOL
FE20
-005
FE20
-01
FE20
-015
FE20
-02
FE20
-03
FE20
-04
FE20
-05
FE20
-06
FE20
-08
UNITS
MAXIMUM FORWARD VOLTAGE AT IO DC
VF
0.98
1.25
1.85
2.60
V
MAXIMUM REVERSE CURRENT AT 25
IR
10
μA
MAXIMUM REVERSE CURRENT AT 100
IR
50
μA
MAXIMUM REVERSE RECOVERY TIME (NOTE 3)
TRR
25
nS
NOTE: 1. MEASURED AT 1 MHZ AND APPLIED REVERSE VOLTAGE 0F 4.0 VOLTS
2. BOTH LEADS ATTACHED TO HEAT SINK 20
×20×1t(mm) COPPER PLATE AT LEAD LENGTH 5mm
3. REVERSE RECOVERY TEST CONDITIONS: IF=0.5A, IR=1.0A, IRR=0.25A
.140(3.6)
.104(2.6)
.034(0.9)
.028(0.7)
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - FE20-08

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FE20-08-LFR FRONTIER-FE20-08-LFR Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
More results

Similar Description - FE20-08

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
FE20-005-LFR FRONTIER-FE20-005-LFR Datasheet
129Kb / 2P
   2A FAST EFFICIENT RECTIFIER
ES2A-LFR FRONTIER-ES2A-LFR Datasheet
129Kb / 2P
   2A FAST EFFICIENT SURFACE MOUNT RECTIFIER
logo
Taiwan Semiconductor Co...
MUR260 TSC-MUR260 Datasheet
331Kb / 5P
   2A, 600V High Efficient Rectifier
logo
List of Unclassifed Man...
IFE80-06 ETC1-IFE80-06 Datasheet
86Kb / 2P
   8A FAST EFFICIENT RECTIFIER
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
logo
General Semiconductor
BYW29-50 GE-BYW29-50 Datasheet
74Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEP16AT GE-FEP16AT Datasheet
80Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
FEPB16AT GE-FEPB16AT Datasheet
86Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
FX2000A DIOTEC-FX2000A_18 Datasheet
144Kb / 2P
   Fast Efficient Rectifier Diodes
logo
General Semiconductor
BYV32-50 GE-BYV32-50 Datasheet
79Kb / 2P
   FAST EFFICIENT PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com