Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP9604KS Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP9604KS
Description  Quad, 12-Bit, Low Power Voltage Output D/A Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP9604KS Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP9604KS Datasheet HTML 3Page - Sipex Corporation SP9604KS Datasheet HTML 4Page - Sipex Corporation SP9604KS Datasheet HTML 5Page - Sipex Corporation SP9604KS Datasheet HTML 6Page - Sipex Corporation SP9604KS Datasheet HTML 7Page - Sipex Corporation SP9604KS Datasheet HTML 8Page - Sipex Corporation SP9604KS Datasheet HTML 9Page - Sipex Corporation SP9604KS Datasheet HTML 10Page - Sipex Corporation SP9604KS Datasheet HTML 11Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
SP9604DS/03
SP9604 Quad, 12-Bit, Low Power Voltage Output D/A Converter
© Copyright 2000 Sipex Corporation
11
ORDERING INFORMATION
Model
Temperature Range
Package
Monolithic 12-Bit Quad DAC Voltage Output:
SP9604JP .................................................................................. 0˚C to +70˚C ...................................................................... 28-pin, 0.6" Plastic DIP
SP9604KP ................................................................................. 0˚C to +70˚C ...................................................................... 28-pin, 0.6" Plastic DIP
SP9604JS .................................................................................. 0˚C to +70˚C ............................................................................. 28–pin, 0.35" SOIC
SP9604KS ................................................................................. 0˚C to +70˚C ............................................................................. 28–pin, 0.35" SOIC
Please consult the factory for pricing and availability on a Tape-On-Reel option.
Corporation
SIGNAL PROCESSING EXCELLENCE
Sipex Corporation reserves the right to make changes to any products described herein. Sipex does not assume any liability arising out of the
application or use of any product or circuit described hereing; neither does it convey any license under its patent rights nor the rights of others.
Sipex Corporation
Headquarters and
Sales Office
22 Linnell Circle
Billerica, MA 01821
TEL: (978) 667-8700
FAX: (978) 670-9001
e-mail: sales@sipex.com
Sales Office
233 South Hillview Drive
Milpitas, CA 95035
TEL: (408) 934-7500
FAX: (408) 935-7600


Similar Part No. - SP9604KS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600AN SIPEX-SP9600AN Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600AS SIPEX-SP9600AS Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600BN SIPEX-SP9600BN Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600BS SIPEX-SP9600BS Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
More results

Similar Description - SP9604KS

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP9504 SIPEX-SP9504 Datasheet
184Kb / 11P
   Quad, 12-Bit, Voltage Output D/A Converter
SP9601 SIPEX-SP9601 Datasheet
160Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9600 SIPEX-SP9600 Datasheet
166Kb / 9P
   12-Bit, Low Power Voltage Output D/A Converter
SP9602 SIPEX-SP9602 Datasheet
194Kb / 11P
   Dual, 12-Bit, Low Power Voltage Output D/A Converter
SP9501 SIPEX-SP9501 Datasheet
159Kb / 9P
   12-Bit, Voltage Output D/A Converter
SP9500 SIPEX-SP9500 Datasheet
157Kb / 9P
   12-Bit, Voltage Output D/A Converter
logo
Analog Devices
AD75004 AD-AD75004 Datasheet
102Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
AD75004 AD-AD75004_15 Datasheet
106Kb / 4P
   Quad 12-Bit D/A Converter
REV. A
logo
Sipex Corporation
SP9502 SIPEX-SP9502 Datasheet
230Kb / 11P
   Dual, 12-Bit, Voltage Output D/A Converter
logo
Maxim Integrated Produc...
MAX526 MAXIM-MAX526 Datasheet
625Kb / 16P
   Galibrated Quad 12-Bit Voltage-Output D/A Converters
Rev 3; 2/95
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com