Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC5554MZP112 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC5554MZP112
Description  Microcontroller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554MZP112 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC5554MZP112 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554MZP112 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 4
Overview
Freescale Semiconductor
2
The MPC5500 family of parts contains many new features coupled with high performance CMOS
technology to provide significant performance improvement over the MPC565.
The MPC5554 has two levels of memory hierarchy. The fastest accesses are to the 32-kilobytes (KB)
unified cache. The next level in the hierarchy contains the 64-KB on-chip internal SRAM and
two-megabytes (MB) internal flash memory. The internal SRAM and flash memory hold instructions and
data. The external bus interface is designed to support most of the standard memories used with the
MPC5xx family.
The complex input/output timer functions of the MPC5554 are performed by two enhanced time processor
unit (eTPU) engines. Each eTPU engine controls 32 hardware channels, providing a total of 64 hardware
channels. The eTPU has been enhanced over the TPU by providing: 24-bit timers, double-action hardware
channels, variable number of parameters per channel, angle clock hardware, and additional control and
arithmetic instructions. The eTPU is programmed using a high-level programming language.
The less complex timer functions of the MPC5554 are performed by the enhanced modular input/output
system (eMIOS). The eMIOS’ 24 hardware channels are capable of single-action, double-action,
pulse-width modulation (PWM), and modulus-counter operations. Motor control capabilities include
edge-aligned and center-aligned PWM.
Off-chip communication is performed by a suite of serial protocols including controller area networks
(FlexCANs), enhanced deserial/serial peripheral interfaces (DSPIs), and enhanced serial communications
interfaces (eSCIs). The DSPIs support pin reduction through hardware serialization and deserialization of
timer channels and general-purpose input/output (GPIOs) signals.
The MCU has an on-chip enhanced queued dual analog-to-digital converter (eQADC). 324 s40-channels.
The system integration unit (SIU) performs several chip-wide configuration functions. Pad configuration
and general-purpose input and output (GPIO) are controlled from the SIU. External interrupts and reset
control are also determined by the SIU. The internal multiplexer submodule provides multiplexing of
eQADC trigger sources, daisy chaining the DSPIs, and external interrupt signal multiplexing.


Similar Part No. - MPC5554MZP112

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5554MZP112 FREESCALE-MPC5554MZP112 Datasheet
858Kb / 50P
   Microcontroller
MPC5554MZP112 FREESCALE-MPC5554MZP112 Datasheet
992Kb / 54P
   Microcontroller
More results

Similar Description - MPC5554MZP112

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
LM3S1960 ETC2-LM3S1960 Datasheet
4Mb / 492P
   Microcontroller
LM3S6916 ETC2-LM3S6916 Datasheet
5Mb / 535P
   Microcontroller
LM3S817 ETC2-LM3S817 Datasheet
2Mb / 379P
   Microcontroller
LM3S801 ETC2-LM3S801 Datasheet
2Mb / 397P
   Microcontroller
LM3S617 ETC2-LM3S617 Datasheet
2Mb / 379P
   Microcontroller
LM3S612 ETC2-LM3S612 Datasheet
2Mb / 419P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com