Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX1963A_V1 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX1963A_V1
Description  Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1963A_V1 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX1963A_V1 Datasheet HTML 2Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 3Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 4Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 5Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 6Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 7Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 8Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 9Page - Maxim Integrated Products MAX1963A_V1 Datasheet HTML 10Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
capacitors with an ESR of 30m
Ω or less to ensure sta-
bility and optimize transient response. Surface-mount
ceramic capacitors have very low ESR and are com-
monly available in values up to 10µF. Connect CIN and
COUT as close to the MAX1963A/MAX1976A as possi-
ble to minimize the impact of PC board trace induc-
tance.
Noise, PSRR, and Transient Response
The MAX1963A/MAX1976A are designed to operate
with low dropout voltages and low quiescent currents in
battery-powered systems while still maintaining good
noise, transient response, and AC rejection. See the
Typical Operating Characteristics for a plot of Power-
Supply Rejection Ratio (PSRR) versus Frequency.
When operating from noisy sources, improved supply-
noise rejection and transient response can be achieved
by increasing the values of the input and output bypass
capacitors and through passive filtering techniques.
The MAX1963A/MAX1976A load-transient response
(see the
Typical Operating Characteristics) shows two
components of the output response: a near-zero DC
shift from the output impedance due to the load-current
change, and the transient response. A typical transient
response for a step change in the load current from 20mA
to 200mA is 20mV. Increasing the output capacitor’s value
and decreasing the ESR attenuates the overshoot.
Input-Output (Dropout) Voltage
A regulator’s minimum input-output voltage difference
(dropout voltage) determines the lowest usable supply
voltage. In battery-powered systems, this determines the
useful end-of-life battery voltage. Because the
MAX1963A/MAX1976A use a p-channel MOSFET pass
transistor, the dropout voltage is a function of drain-to-
source on-resistance (RDS(ON) = 0.33Ω) multiplied by
the load current (see the
Typical Operating
Characteristics).
VDROPOUT = VIN - VOUT = 0.33Ω  IOUT
The MAX1963A/MAX1976A ground current reduces to
70µA in dropout.
Low-Input-Voltage, 300mA LDO Regulators
with
RESET in SOT and TDFN
8
_______________________________________________________________________________________
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
(POWER DISSIPATION LIMIT)
(VIN - VOUT) (V)
2.5
2.0
1.5
1.0
0.5
100
200
300
400
0
03.0
MAXIMUM RECOMMENDED
OUTPUT CURRENT 6-PIN SOT23
TA = +85
°C
TA = +70
°C
Figure 2. Power Operating Regions for the 6-Pin SOT23:
Maximum Output Current vs. Input Voltage
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
(POWER DISSIPATION LIMIT)
(VIN - VOUT) (V)
2.5
2.0
1.5
1.0
0.5
100
200
300
400
0
03.0
MAXIMUM RECOMMENDED
OUTPUT CURRENT 6-PIN TDFN 3mm x 3mm
TA = +85
°C
Figure 3. Power Operating Regions for the 6-Pin TDFN:
Maximum Output Current vs. Input Voltage


Similar Part No. - MAX1963A_V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1963AETA MAXIM-MAX1963AETA Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963AETT MAXIM-MAX1963AETT Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963AEZT MAXIM-MAX1963AEZT Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
More results

Similar Description - MAX1963A_V1

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963_07 Datasheet
313Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 2; 5/07
MAX1963A MAXIM-MAX1963A Datasheet
364Kb / 15P
   Low-Input-Voltage, 300mA LDO Regulators with RESET in SOT and TDFN
Rev 0; 5/05
MAX1963 MAXIM-MAX1963 Datasheet
354Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Rev 0; 10/03
MAX1589A MAXIM-MAX1589A Datasheet
376Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589AETT250-T MAXIM-MAX1589AETT250-T Datasheet
382Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESET in SOT and TDFN
Rev 0; 4/05
MAX1589 MAXIM-MAX1589_07 Datasheet
301Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
Rev 2; 10/07
MAX1589 MAXIM-MAX1589 Datasheet
363Kb / 12P
   Low-Input-Voltage, 500mA LDO Regulator with RESETin SOT and TDFN
19-3048; Rev 0; 10/03
logo
Micrel Semiconductor
MIC5316 MICREL-MIC5316 Datasheet
386Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset and Voltage Select
logo
Maxim Integrated Produc...
MAX6469 MAXIM-MAX6469 Datasheet
547Kb / 20P
   300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit
Rev 2; 6/03
logo
Micrel Semiconductor
MIC5314 MICREL-MIC5314 Datasheet
362Kb / 14P
   Low Voltage Dual 300mA LDO with Power on Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com