Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1821S+R Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1821S+R
Description  Programmable Digital Thermostat and Thermometer
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1821S+R Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1821S+R Datasheet HTML 7Page - Maxim Integrated Products DS1821S+R Datasheet HTML 8Page - Maxim Integrated Products DS1821S+R Datasheet HTML 9Page - Maxim Integrated Products DS1821S+R Datasheet HTML 10Page - Maxim Integrated Products DS1821S+R Datasheet HTML 11Page - Maxim Integrated Products DS1821S+R Datasheet HTML 12Page - Maxim Integrated Products DS1821S+R Datasheet HTML 13Page - Maxim Integrated Products DS1821S+R Datasheet HTML 14Page - Maxim Integrated Products DS1821S+R Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
DS1821
11 of 19
DS1821 FUNCTION COMMAND SET Table 4
Command
Description
Protocol
1-Wire Bus Activity
After Command is Issued
TEMPERATURE CONVERSION COMMANDS
Read
Temperature
Reads last converted temperature
value from temperature register.
AAh
Master receives 8-bit temperature
value from DS1821.
Start Convert T Initiates temperature conversions.
EEh
None
Stop Convert T Halts temperature conversions.
22h
None
THERMOSTAT and STATUS/CONFIGURATION COMMANDS
Write TH
Writes data to the TH register.
01h
Master transmits 8-bit TH value to
DS1821.
Write TL
Writes data to the TL register.
02h
Master transmits 8-bit TL value to
DS1821.
Read TH
Reads data from the TH register.
A1h
Master receives 8-bit TH value from
DS1821.
Read TL
Reads data from the TL register.
A2h
Master receives 8-bit TL value from
DS1821.
Write Status
Writes data to the
status/configuration register.
0Ch
Master transmits 8-bit
status/configuration value to DS1821.
Read Status
Reads data from the
status/configuration register.
ACh
Master receives 8-bit
status/configuration value from
DS1821.
HIGH-RESOLUTION COMMANDS
Read Counter
Reads data from the counter
register
A0h
Master receives 9-bit counter value
from DS1821.
Load Counter
Loads slope accumulator data into
the counter register
41h
None
1-Wire SIGNALING
The DS1821 uses a strict 1-Wire communication protocol to insure data integrity. Several signal types are
defined by this protocol: reset pulse, presence pulse, write 0, write 1, read 0, and read 1. All of these
signals, with the exception of the presence pulse, are initiated by the bus master.
INITIALIZATION PROCEDURE: RESET AND PRESENCE PULSES
All communication with the DS1821 begins with an initialization sequence that consists of a reset pulse
from the master followed by a presence pulse from the DS1821. This is illustrated in Figure 7. When the
DS1821 sends the presence pulse in response to the reset, it is indicating to the master that it is on the bus
and ready to operate given an appropriate function command.
During the initialization sequence the bus master transmits (TX) the reset pulse by pulling the 1-Wire bus
low for a minimum of 480 µs. The bus master then releases the bus and goes into receive mode (RX).
When the bus is released, the 5k pullup resistor pulls the 1-Wire bus high. When the DS1821 detects this
rising edge, it waits 15–60 µs and then transmits a presence pulse by pulling the 1-Wire bus low for 60–
240 µs.


Similar Part No. - DS1821S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821S++ DALLAS-DS1821S+ Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
DS1821S+TR DALLAS-DS1821S+TR Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
More results

Similar Description - DS1821S+R

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1821 DALLAS-DS1821_07 Datasheet
454Kb / 18P
   Programmable Digital Thermostat and Thermometer
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
   Digital Thermometer and Thermostat
051106
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
   Digital Thermometer and Thermostat
053105
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
   Digital Thermometer and Thermostat
2015
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
   Digital Thermometer and Thermostat
022108
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
   Digital Thermometer and Thermostat
2016
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
   Digital Thermometer and Thermostat
2015
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
   Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
   Digital Thermometer and Thermostat
112006
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
   Digital Thermometer and Thermostat
090905
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com