Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX338ETE+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX338ETE+
Description  8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX338ETE+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX338ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 9Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 10Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 11Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 12Page - Maxim Integrated Products MAX338ETE+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
8-Channel/Dual 4-Channel,
Low-Leakage, CMOS Analog Multiplexers
10
______________________________________________________________________________________
________Pin Configurations/Functional Diagrams/Truth Tables (continued)
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
A1
GND
V+
NO1B
NO1A
V-
EN
A0
TOP VIEW
MAX339
NO2B
NO3B
N04B
COMB
COMA
NO4A
NO3A
NO2A
DIP/SO/QSOP
+
CMOS DECODE LOGIC
A1
A0
EN
NO4B
NO3B
NO2B
NO1B
NO4A
NO3A
NO2A
NO1A
COMA
V+
V-
GND
COMB
MAX339 DUAL 4-CHANNEL MULTIPLEXER
A2
A1
A0
EN
ON
SWITCH
X
0
0
0
0
1
1
1
1
X
0
0
1
1
0
0
1
1
X
0
1
0
1
0
1
0
1
0
1
1
1
1
1
1
1
1
None
1
2
3
4
5
6
7
8
MAX338
LOGIC “0” VAL
≤ 0.8V, LOGIC “1” VAH ≥ 2.4V
A1
A0
EN
ON
SWITCH
X
0
0
1
1
X
0
1
0
1
0
1
1
1
1
None
1
2
3
4
MAX339
LOGIC “0” VAL
≤ 0.8V, LOGIC “1” VAH ≥ 2.4V


Similar Part No. - MAX338ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338ETE++ MAXIM-MAX338ETE+ Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
More results

Similar Description - MAX338ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX338ESE MAXIM-MAX338ESE Datasheet
155Kb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
Rev 4; 4/12
MAX338 MAXIM-MAX338_V01 Datasheet
1Mb / 13P
   8-Channel/Dual 4-Channel, Low-Leakage, CMOS Analog Multiplexers
19-0272; Rev 6; 5/19
MAX336 MAXIM-MAX336_V01 Datasheet
1Mb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 1; 10/14
MAX336 MAXIM-MAX336 Datasheet
170Kb / 12P
   16-Channel/Dual 8-Channel, Low-Leakage, CMOS Analog Multiplexers
19-1193; Rev 0; 4/97
DG1208 MAXIM-DG1208 Datasheet
1Mb / 23P
   Low-Leakage, Single 8-Channel and Dual 4-Channel, Analog Multiplexers
2021
DG408CJ MAXIM-DG408CJ Datasheet
374Kb / 12P
   iMPROVED, 8-cHANNEL/dUAL 4-cHANNEL, cmos aNALOG mULTIPLEXERS
19-4729; Rev 3; 6/99
DG408 MAXIM-DG408 Datasheet
152Kb / 12P
   Improved, 8-Channel/Dual 4-Channel, CMOS Analog Multiplexers
Rev 4; 9/08
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com