Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6333UR_D_-T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6333UR_D_-T
Description  3-Pin, Ultra-Low-Voltage, Low-Power μP Reset Circuits
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6333UR_D_-T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6333UR_D_-T Datasheet HTML 1Page - Maxim Integrated Products MAX6333UR_D_-T Datasheet HTML 2Page - Maxim Integrated Products MAX6333UR_D_-T Datasheet HTML 3Page - Maxim Integrated Products MAX6333UR_D_-T Datasheet HTML 4Page - Maxim Integrated Products MAX6333UR_D_-T Datasheet HTML 5Page - Maxim Integrated Products MAX6333UR_D_-T Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The MAX6332/MAX6333/MAX6334 microprocessor (µP)
supervisory circuits monitor the power supplies in 1.8V
to 3.3V µP and digital systems. They increase circuit
reliability and reduce cost by eliminating external com-
ponents and adjustments.
These devices perform a single function: they assert a
reset signal whenever the VCC supply voltage declines
below a preset threshold, keeping it asserted for a preset
timeout period after VCC has risen above the reset
threshold. The only difference among the three devices
is their output. The MAX6333 (push/pull) and MAX6334
(open-drain) have an active-low RESET output, while the
MAX6332 (push/pull) has an active-high RESET output.
The MAX6332/MAX6333 are guaranteed to be in the cor-
rect state for VCC down to 0.7V. The MAX6334 is guaran-
teed to be in the correct state for VCC down to 1.0V.
The reset comparator in these ICs is designed to ignore
fast transients on VCC. Reset thresholds are factory-
trimmable between 1.6V and 2.5V, in approximately
100mV increments. There are 15 standard versions
available (2,500 piece minimum-order quantity); con-
tact the factory for availability of nonstandard versions
(10,000 piece minimum-order quantity). For space-criti-
cal applications, the MAX6332/MAX6333/MAX6334
come packaged in a 3-pin SOT23.
Applications
Pentium® II Computers
Computers
Controllers
Intelligent Instruments
Critical µP/µC Power Monitoring
Portable/Battery-Powered Equipment
Automotive
Features
o Ultra-Low 0.7V Operating Supply Voltage
o Low 3.3µA Supply Current
o Precision Monitoring of 1.8V and 2.5V Power-
Supply Voltages
o Reset Thresholds Available from 1.6V to 2.5V,
in Approximately 100mV Increments
o Fully Specified over Temperature
o Three Power-On Reset Pulse Widths Available
(1ms min, 20ms min, 100ms min)
o Low Cost
o Three Available Output Structures: Push/Pull
RESET, Push/Pull RESET, Open-Drain RESET
o Guaranteed RESET/RESET Valid to VCC = 0.7V
(MAX6332/MAX6333)
o Power-Supply Transient Immunity
o No External Components
o 3-Pin SOT23 Package
o Pin Compatible with MAX809/MAX810 and
MAX6326/MAX6327/MAX6328
3-Pin, Ultra-Low-Voltage, Low-Power
µP Reset Circuits
19-1411; Rev 3; 6/12
1
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
*
These devices are available in factory-set VCC reset thresh-
olds from 1.6V to 2.5V, in approximately 0.1V increments.
Choose the desired reset threshold suffix from Table 1 and
insert it in the blanks following “UR” in the part number.
Factory-programmed reset timeout periods are also available.
Insert the number corresponding to the desired nominal reset
timeout period (1 = 1ms min, 2 = 20ms min, 3 = 100ms min) in
the blank following “D” in the part number. There are 15 stan-
dard versions with a required order increment of 2500 pieces.
Sample stock is generally held on the standard versions only
(see Selector Guide). Contact the factory for availability of non-
standard versions (required order increment is 10,000 pieces).
All devices available in tape-and-reel only.
Devices are available in both leaded and lead-free packaging.
Specify lead-free by replacing “-T” with “+T” when ordering.
/V denotes an automotive qualified part.
Typical Operating Circuit and Pin Configuration appear
at end of data sheet.
Selector Guide appears at end of data sheet.
Pentium is a registered trademark of Intel Corp.
PART
TEMP RANGE
PIN-PACKAGE
MAX6332UR__D_-T
-40°C to +125°C
3 SOT23
MAX6333UR__D_-T
-40°C to +125°C
3 SOT23
MAX6333UR__D_/V-T
-40°C to +125°C
3 SOT23
MAX6334UR__D_-T
-40°C to +125°C
3 SOT23


Similar Part No. - MAX6333UR_D_-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6333UR16D1-T MAXIM-MAX6333UR16D1-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6333UR16D2-T MAXIM-MAX6333UR16D2-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6333UR16D3-T MAXIM-MAX6333UR16D3-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6333UR16D3-T MAXIM-MAX6333UR16D3-T Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6333UR17D1-T MAXIM-MAX6333UR17D1-T Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
More results

Similar Description - MAX6333UR_D_-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6800 MAXIM-MAX6800_12 Datasheet
123Kb / 7P
   3-Pin, Low-Power μP Reset Circuits
Rev 4; 3/12
MAX6332 MAXIM-MAX6332_05 Datasheet
147Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits
Rev 2; 12/05
MAX6332 MAXIM-MAX6332 Datasheet
97Kb / 6P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
Rev 0; 12/98
MAX6332 MAXIM-MAX6332_V01 Datasheet
894Kb / 7P
   3-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits
2016
MAX6381_V5 MAXIM-MAX6381_V5 Datasheet
327Kb / 10P
   SC70/μDFN, Single/Dual Low-Voltage, Low-Power μP Reset Circuits
Rev 5; 7/12
MAX6335 MAXIM-MAX6335_05 Datasheet
181Kb / 7P
   4-Pin, Ultra-Low-Voltage, Low-Power uP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6337US23D3-T MAXIM-MAX6337US23D3-T Datasheet
199Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power muP Reset Circuits with Manual Reset
Rev 2; 12/05
MAX6464UK45 MAXIM-MAX6464UK45 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6464UK31 MAXIM-MAX6464UK31 Datasheet
183Kb / 10P
   Ultra-Low-Power Voltage Detectors and μP Supervisory Circuits
Rev 2; 12/05
MAX6335 MAXIM-MAX6335 Datasheet
107Kb / 8P
   4-Pin, Ultra-Low-Voltage, Low-Power 關P Reset Circuits with Manual Reset
Rev 0; 12/98
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com