Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC5643LFF2VLQ8 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # SPC5643LFF2VLQ8
Description  Qorivva Microcontroller
Download  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

SPC5643LFF2VLQ8 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button SPC5643LFF2VLQ8 Datasheet HTML 4Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 5Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 6Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 7Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 8Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 9Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 10Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 11Page - Freescale Semiconductor, Inc SPC5643LFF2VLQ8 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 136 page
background image
MPC5643L Microcontroller Data Sheet, Rev. 8.1
Introduction
Freescale Semiconductor
8
port, arbitration logic selects the higher priority master and grants it ownership of the slave port. All other masters requesting
that slave port are stalled until the higher priority master completes its transactions.
The crossbar provides the following features:
4 masters and 3 slaves supported per each replicated crossbar
— Masters allocation for each crossbar: e200z4d core with two independent bus interface units (BIU) for I and D
access (2 masters), one eDMA, one FlexRay
— Slaves allocation for each crossbar: a redundant flash-memory controller with 2 slave ports to guarantee maximum
flexibility to handle Instruction and Data array, one redundant SRAM controller with 1 slave port each and 1
redundant peripheral bus bridge
32-bit address bus and 64-bit data bus
Programmable arbitration priority
— Requesting masters can be treated with equal priority and are granted access to a slave port in round-robin method,
based upon the ID of the last master to be granted access or a priority order can be assigned by software at
application run time
Temporary dynamic priority elevation of masters
The XBAR is replicated for each processing channel.
1.5.3
Memory Protection Unit (MPU)
The Memory Protection Unit splits the physical memory into 16 different regions. Each master (eDMA, FlexRay, CPU) can be
assigned different access rights to each region.
16-region MPU with concurrent checks against each master access
32-byte granularity for protected address region
The memory protection unit is replicated for each processing channel.
1.5.4
Enhanced Direct Memory Access (eDMA)
The enhanced direct memory access (eDMA) controller is a second-generation module capable of performing complex data
movements via 16 programmable channels, with minimal intervention from the host processor. The hardware microarchitecture
includes a DMA engine which performs source and destination address calculations, and the actual data movement operations,
along with an SRAM-based memory containing the transfer control descriptors (TCD) for the channels. This implementation
is used to minimize the overall block size.
The eDMA module provides the following features:
16 channels supporting 8-, 16-, and 32-bit value single or block transfers
Support variable sized queues and circular buffered queue
Source and destination address registers independently configured to post-increment or stay constant
Support major and minor loop offset
Support minor and major loop done signals
DMA task initiated either by hardware requestor or by software
Each DMA task can optionally generate an interrupt at completion and retirement of the task
Signal to indicate closure of last minor loop
Transfer control descriptors mapped inside the SRAM
The eDMA controller is replicated for each processing channel.


Similar Part No. - SPC5643LFF2VLQ8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SPC5643LFF2MLL6 NXP-SPC5643LFF2MLL6 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MLQ1 NXP-SPC5643LFF2MLQ1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MLQ1R NXP-SPC5643LFF2MLQ1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MMM1 NXP-SPC5643LFF2MMM1 Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
SPC5643LFF2MMM1R NXP-SPC5643LFF2MMM1R Datasheet
1Mb / 136P
   MPC5643L Microcontroller Data Sheet
Rev. 10, 11/2021
More results

Similar Description - SPC5643LFF2VLQ8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5642A FREESCALE-MPC5642A Datasheet
1Mb / 120P
   Qorivva MPC5642A Microcontroller
MPC5645S FREESCALE-MPC5645S Datasheet
1Mb / 146P
   Qorivva MPC5645S Microcontroller Data Sheet
MPC5554FS FREESCALE-MPC5554FS Datasheet
589Kb / 2P
   Qorivva MPC5554 Family
SPC560 FREESCALE-SPC560 Datasheet
243Kb / 2P
   Qorivva MPC560xBCD Family
TRK-MPC5606B FREESCALE-TRK-MPC5606B Datasheet
243Kb / 2P
   Qorivva MPC560xB/C/D Family
logo
Advanced Micro Devices
ELANSC520 AMD-ELANSC520 Datasheet
6Mb / 440P
   Microcontroller
logo
Texas Instruments
LM3S9B92-IQC80-C5 TI1-LM3S9B92-IQC80-C5 Datasheet
273Kb / 3P
[Old version datasheet]   Microcontroller
LM4F112C4QC TI1-LM4F112C4QC Datasheet
5Mb / 1189P
[Old version datasheet]   Microcontroller
logo
Bookham, Inc.
LM3S818 BOOKHAM-LM3S818 Datasheet
2Mb / 395P
   Microcontroller
logo
List of Unclassifed Man...
LM3S2965 ETC2-LM3S2965 Datasheet
5Mb / 542P
   Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com