Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11135ATI+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX11135ATI+
Description  500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11135ATI+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX11135ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 9Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 10Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 11Page - Maxim Integrated Products MAX11135ATI+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
MAX11135–MAX11143
500ksps, Low-Power, Serial 12-/10-/8-Bit,
4-/8-/16-Channel ADCs
ELECTRICAL CHARACTERISTICS (MAX11141/MAX11142/MAX11143)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 500ksps, fSCLK = 8MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
ELECTRICAL CHARACTERISTICS (MAX11138/MAX11139/MAX11140)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 500Ksps, fSCLK = 8MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to
+125NC, unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (Figure 1) (Note 11)
SCLK Clock Period
tCP
Externally clocked conversion
125
ns
SCLK Duty Cycle
tCH
40
60
%
SCLK Fall to DOUT Transition
tDOT
CLOAD =
10pF
VOVDD = 1.5V to 2.35V
4
16.5
ns
VOVDD = 2.35V to 3.6V
4
15
16th SCLK Fall to DOUT Disable
tDOD
CLOAD = 10pF, channel ID on
15
ns
14th SCLK Fall to DOUT Disable
CLOAD = 10pF, channel ID off
16
ns
SCLK Fall to DOUT Enable
tDOE
CLOAD = 10pF
14
ns
DIN to SCLK Rise Setup
tDS
4
ns
SCLK Rise to DIN Hold
tDH
1
ns
CS Fall to SCLK Fall Setup
tCSS
4
ns
SCLK Fall to CS Fall Hold
tCSH
1
ns
CNVST Pulse Width
tCSW
See Figure 6
5
ns
CS or CNVST Rise to EOC Low
(Note 8)
tCNV_INT See Figure 7, fSAMPLE = 500ksps
5.3
6.2
F
s
CS Pulse Width
tCSBW
5
ns
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC ACCURACY (Notes 3 and 4)
Resolution
RES
8 bit
8
Bits
Integral Nonlinearity
INL
±0.02
±0.15
LSB
Differential Nonlinearity
DNL
No missing codes
±0.02
±0.15
LSB
Offset Error
0.5
±0.7
LSB
Gain Error
(Note 5)
-0.03
±0.3
LSB
Offset Error Temperature
Coefficient
OETC
±2
ppm/NC
Gain Temperature Coefficient
GETC
±0.8
ppm/NC
Channel-to-Channel Offset
Matching
±0.5
LSB
Line Rejection
PSR
(Note 6)
+0.03
±0.1
LSB/V


Similar Part No. - MAX11135ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11135ATI++ MAXIM-MAX11135ATI+ Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results

Similar Description - MAX11135ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com