Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11132ATI+ Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX11132ATI+
Description  3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11132ATI+ Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX11132ATI+ Datasheet HTML 1Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 2Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 3Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 4Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 5Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 6Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX11132ATI+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
MAX11129–MAX11132
3Msps, Low-Power, Serial 12-/10-Bit,
8-/16-Channel ADCs
1
19-6026; Rev 4; 6/12
Ordering Information appears at end of data sheet.
For related parts and recommended products to use with this part,
refer to www.maxim-ic.com/MAX11129.related.
SampleSet and AutoShutdown are trademarks of Maxim
Integrated Products, Inc.
QSPI is a trademark of Motorola, Inc.
MICROWIRE is a registered trademark of National
Semiconductor Corporation.
General Description
The MAX11129–MAX11132 are 12-/10-bit with external
reference and industry-leading 1.5MHz, full linear band-
width, high speed, low-power, serial output successive
approximation register (SAR) analog-to-digital convert-
ers (ADCs). The MAX11129–MAX11132 include both
internal and external clock modes. These devices feature
scan mode in both internal and external clock modes.
The internal clock mode features internal averaging to
increase SNR. The external clock mode features the
SampleSetK technology, a user-programmable analog
input channel sequencer. The SampleSet approach
provides greater sequencing flexibility for multichannel
applications while alleviating significant microcontroller
or DSP (controlling unit) communication overhead.
The internal clock mode features an integrated FIFO
allowing data to be sampled at high speeds and then held
for readout at any time or at a lower clock rate. Internal
averaging is also supported in this mode improving SNR
for noisy input signals. The devices feature analog input
channels that can be configured to be single-ended
inputs, fully differential pairs, or pseudo-differential inputs
with respect to one common input. The MAX11129–
MAX11132 operate from a 2.35V to 3.6V supply and con-
sume only 15.2mW at 3Msps.
The MAX11129–MAX11132 include AutoShutdownK,
fast wake-up, and a high-speed 3-wire serial interface.
The devices feature full power-down mode for optimal
power management.
The 48MHz, 3-wire serial interface directly connects to
SPI, QSPIK, and MICROWIREM devices without external
logic.
Excellent dynamic performance, low voltage, low power,
ease of use, and small package size make these convert-
ers ideal for portable battery-powered data-acquisition
applications, and for other applications that demand low
power consumption and small space.
The MAX11129–MAX11132 are available in 28-pin, 5mm
x 5mm, TQFN packages and operate over the -40NC to
+125NC temperature range.
Benefits and Features
S
Scan Modes, Internal Averaging, and Internal
Clock
S
16-Entry First-In/First-Out (FIFO)
S
SampleSet: User-Defined Channel Sequence with
Maximum Length of 256
S
Analog Multiplexer with True Differential
Track/Hold
16-/8-Channel Single-Ended
8-/4-Channel Fully-Differential Pairs
15-/8-Channel Pseudo-Differential Relative to
a Common Input
S
Two Software-Selectable Bipolar Input Ranges
 Q
VREF+/2, QVREF+
S
Flexible Input Configuration Across All Channels
S
High Accuracy
 Q
1 LSB INL, Q1 LSB DNL, No Missing Codes
Over Temperature Range
S
70dB SINAD Guaranteed at 500kHz Input
Frequency
S
1.5V to 3.6V Wide Range I/O Supply
Allows the Serial Interface to Connect Directly
to 1.8V, 2.5V, or 3.3V Digital Systems
S
2.35V to 3.6V Supply Voltage
S
Longer Battery Life for Portable Applications
Low Power
15.2mW at 3Msps with 3V Supplies
2µA Full-Shutdown Current
S
External Differential Reference (1V to VDD)
S
48MHz, 3-Wire SPI-/QSPI-/MICROWIRE-/DSP-
Compatible Serial Interface
S
Wide -40NC to +125NC Operation
S
Space-Saving, 28-Pin, 5mm x 5mm TQFN
Packages
S
3Msps Conversion Rate, No Pipeline Delay
S
12-/10-Bit Resolution
Applications
High-Speed Data Acquisition Systems
High-Speed Closed-Loop Systems
Industrial Control Systems
Medical Instrumentation
Battery-Powered Instruments
Portable Systems
EVALUATION KIT AVAILABLE
For pricing, delivery, and ordering information, please contact Maxim Direct
at 1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX11132ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11132ATI++ MAXIM-MAX11132ATI+ Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
More results

Similar Description - MAX11132ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com