Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4468 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4468
Description  Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4468 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4468 Datasheet HTML 4Page - Maxim Integrated Products MAX4468 Datasheet HTML 5Page - Maxim Integrated Products MAX4468 Datasheet HTML 6Page - Maxim Integrated Products MAX4468 Datasheet HTML 7Page - Maxim Integrated Products MAX4468 Datasheet HTML 8Page - Maxim Integrated Products MAX4468 Datasheet HTML 9Page - Maxim Integrated Products MAX4468 Datasheet HTML 10Page - Maxim Integrated Products MAX4468 Datasheet HTML 11Page - Maxim Integrated Products MAX4468 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
common mode. The ratio of these voltages is called the
common-mode gain. The common-mode rejection ratio
is the ratio of differential-mode gain to common-mode
gain.
The
high
CMRR
properties
of
the
MAX4465–MAX4469 provide outstanding performances
when configured as a noninverting microphone pream-
plifier.
Power-Up
The MAX4465–MAX4469 outputs typically settle within
1µs after power-up. Figure 6 shows the output voltage
on power-up.
Power Supplies and Layout
The MAX4465–MAX4469 operate from a single +2.4V to
+5.5V power supply. Bypass the power supply with a
0.1µF capacitor to ground. Good layout techniques are
necessary for the MAX4465–MAX4469 family. To
decrease stray capacitance, minimize trace lengths by
placing external components close to the op amp’s
pins. Surface-mount components are recommended. In
systems where analog and digital grounds are avail-
able, the MAX4465–MAX4469 should be connected to
the analog ground.
Test Circuits/Timing Diagrams
Figure 2. MAX4466 Typical Application Circuit
ELECTRET
CAPSULE
VCC = +5V
MAX4466
2k
10k
GND
100k
100pF
1M
+5V
+5V
1M
2k
0.1
µF
0.01
µF
1
µF
1
5
2
4
3
IN+
IN-
OUT
Low-Cost, Micropower, SC70/SOT23-8, Microphone
Preamplifiers with Complete Shutdown
8
1V/div
100
µs/div
Figure 1. Rail-to-Rail Output Operation


Similar Part No. - MAX4468

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4468 MAXIM-MAX4468 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4468EKA-T MAXIM-MAX4468EKA-T Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4468ESA MAXIM-MAX4468ESA Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
More results

Similar Description - MAX4468

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4465 MAXIM-MAX4465 Datasheet
502Kb / 14P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers with Complete Shutdown
Rev 1; 4/01
MAX4465EXK MAXIM-MAX4465EXK Datasheet
282Kb / 12P
   Low-Cost, Micropower, SC70/SOT23-8, Microphone Preamplifiers
Rev 2; 6/12
MAX4060 MAXIM-MAX4060_V01 Datasheet
1Mb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 4; 11/18
MAX4060 MAXIM-MAX4060 Datasheet
443Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
19-2408; Rev 1; 1/03
MAX4060 MAXIM-MAX4060_11 Datasheet
565Kb / 15P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 3; 4/11
MAX4060 MAXIM-MAX4060_05 Datasheet
514Kb / 17P
   Differential Microphone Preamplifiers with Internal Bias and Complete Shutdown
Rev 2; 5/05
logo
Zetex Semiconductors
ZXCL5213V25 ZETEX-ZXCL5213V25 Datasheet
287Kb / 11P
   MICROPOWER SC70-5 & SOT23-5 LOW DROPOUT REGULATORS
logo
Diodes Incorporated
ZXCL DIODES-ZXCL Datasheet
427Kb / 14P
   Micropower SC70-5 & SOT23-5 low dropout regulators
logo
Maxim Integrated Produc...
MAX4063 MAXIM-MAX4063_11 Datasheet
227Kb / 14P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 1; 6/11
MAX4063 MAXIM-MAX4063 Datasheet
404Kb / 15P
   Differential Microphone Preamplifier with Internal Bias and Complete Shutdown
Rev 0; 1/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com