Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11129 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX11129
Description  3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11129 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX11129 Datasheet HTML 1Page - Maxim Integrated Products MAX11129 Datasheet HTML 2Page - Maxim Integrated Products MAX11129 Datasheet HTML 3Page - Maxim Integrated Products MAX11129 Datasheet HTML 4Page - Maxim Integrated Products MAX11129 Datasheet HTML 5Page - Maxim Integrated Products MAX11129 Datasheet HTML 6Page - Maxim Integrated Products MAX11129 Datasheet HTML 7Page - Maxim Integrated Products MAX11129 Datasheet HTML 8Page - Maxim Integrated Products MAX11129 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
MAX11129–MAX11132
3Msps, Low-Power, Serial 12-/10-Bit,
8-/16-Channel ADCs
ELECTRICAL CHARACTERISTICS (MAX11131/MAX11132) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 3Msps, fSCLK = 48MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DIGITAL INPUTS (SCLK, DIN, CS, CNVST)
Input Voltage Low
VIL
VOVDD O
0.25
V
Input Voltage High
VIH
VOVDD O
0.75
V
Input Hysteresis
VHYST
VOVDD O
0.15
mV
Input Leakage Current
IIN
VAIN_ = 0V or VDD
±0.09
±1.0
F
A
Input Capacitance
CIN
3
pF
DIGITAL OUTPUTS (DOUT, EOC)
Output Voltage Low
VOL
ISINK = 200FA
VOVDD O
0.15
V
Output Voltage High
VOH
ISOURCE = 200FA
VOVDD O
0.85
V
Three-State Leakage Current
IL
CS = VDD
-0.3
±1.5
F
A
Three-State Output Capacitance
COUT
CS = VDD
4
pF
POWER REQUIREMENTS
Positive Supply Voltage
VDD
2.35
3.0
3.6
V
Digital I/O Supply Voltage
VOVDD
1.5
3.0
3.6
V
Positive Supply Current
IDD
fSAMPLE = 3Msps
5.1
6.5
mA
fSAMPLE = 0 (3Msps devices)
2.5
Full shutdown
0.0013
0.006
Power Dissipation
Normal mode
(external
reference)
VDD = 3V,
fSAMPLE = 3Msps
15.2
mW
VDD = 2.35V,
fSAMPLE = 3Msps
10.3
AutoStandby
VDD = 3V,
fSAMPLE = 3Msps
7.3
VDD = 2.35V,
fSAMPLE = 3Msps
4.35
Full/
AutoShutdown
VDD = 3V
3.9
F
W
VDD = 2.35V
1.7


Similar Part No. - MAX11129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129ATI++ MAXIM-MAX11129ATI+ Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
More results

Similar Description - MAX11129

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11129 MAXIM-MAX11129 Datasheet
2Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit, 8-/16-Channel ADCs
Rev 1; 11/11
MAX11129 MAXIM-MAX11129_12 Datasheet
3Mb / 36P
   3Msps, Low-Power, Serial 12-/10-Bit,8-/16-Channel ADCs
Rev 3; 4/12
MAX11102 MAXIM-MAX11102_V01 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
2013
MAX11102 MAXIM-MAX11102 Datasheet
2Mb / 25P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 0; 4/10
MAX11102 MAXIM-MAX11102_12 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 7; 9/12
MAX11102_1108 MAXIM-MAX11102_1108 Datasheet
2Mb / 30P
   2Msps/3Msps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 5; 8/11
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11135_V1 MAXIM-MAX11135_V1 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 7/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com