Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11141ATI+ Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX11141ATI+
Description  500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11141ATI+ Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX11141ATI+ Datasheet HTML 7Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 8Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 9Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 10Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 11Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 12Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 13Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 14Page - Maxim Integrated Products MAX11141ATI+ Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
11
MAX11135–MAX11143
500ksps, Low-Power, Serial 12-/10-/8-Bit,
4-/8-/16-Channel ADCs
ELECTRICAL CHARACTERISTICS (MAX11141/MAX11142/MAX11143) (continued)
(VDD = 2.35V to 3.6V, VOVDD = 1.5V to 3.6V, fSAMPLE = 500ksps, fSCLK = 8MHz, 50% duty cycle, VREF+ = VDD, TA = -40NC to +125NC,
unless otherwise noted. Typical values are at TA = +25NC.) (Note 2)
Note 2: Limits are 100% production tested at TA = +25NC. Limits over the operating temperature range are guaranteed by design.
Note 3: Channel ID disabled.
Note 4: Tested in single-ended mode.
Note 5: Offset nulled.
Note 6: Line rejection D(DOUT) with VDD = 2.35V to 3.6V and VREF+ = 2.35V.
Note 7: Tested and guaranteed with fully differential input.
Note 8: Conversion time is defined as the number of clock cycles multiplied by the clock period with a 50% duty cycle.
Maximum conversion time: 4.73Fs + N x 16 x TOSC_MAX. Where N is the number of conversions requested (number of
channels scanned, averaged and repeated).
TOSC_MAX = 88.2ns, TOSC_TYP = 75ns.
Note 9: The operational input voltage range for each individual input of a differentially configured pair is from VDD to GND. The
operational input voltage difference is from -VREF+/2 to +VREF+/2 or -VREF+ to +VREF+.
Note 10: See Figure 3 (Equivalent Input Circuit).
Note 11: Guaranteed by characterization.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TIMING CHARACTERISTICS (Figure 1) (Note 11)
SCLK Clock Period
tCP
Externally clocked conversion
125
ns
SCLK Duty Cycle
tCH
40
60
%
SCLK Fall to DOUT Transition
tDOT
CLOAD = 10pF
VOVDD = 1.5V to 2.35V
4
16.5
ns
VOVDD = 2.35V to 3.6V
4
15
16th SCLK Fall to DOUT Disable
tDOD
CLOAD = 10pF, channel ID on
15
ns
14th SCLK Fall to DOUT Disable
CLOAD = 10pF, channel ID off
16
ns
SCLK Fall to DOUT Enable
tDOE
CLOAD = 10pF
14
ns
DIN to SCLK Rise Setup
tDS
4
ns
SCLK Rise to DIN Hold
tDH
1
ns
CS Fall to SCLK Fall Setup
tCSS
4
ns
SCLK Fall to CS Fall Hold
tCSH
1
ns
CNVST Pulse Width
tCSW
See Figure 6
5
ns
CS or CNVST Rise to EOC Low
(Note 8)
tCNV_INT See Figure 7, fSAMPLE = 500ksps
5.3
6.2
F
s
CS Pulse Width
tCSBW
5
ns


Similar Part No. - MAX11141ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11141ATI++ MAXIM-MAX11141ATI+ Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
More results

Similar Description - MAX11141ATI+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11135 MAXIM-MAX11135 Datasheet
3Mb / 40P
   500ksps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 0; 2/12
MAX11661 MAXIM-MAX11661_12 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 4; 1/12
MAX11335 MAXIM-MAX11335 Datasheet
3Mb / 37P
   500ksps, 12-/10-Bit, 4-/8-/16-Channel ADCs
Rev 0; 9/12
MAX11661 MAXIM-MAX11661 Datasheet
1Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 1; 1/11
MAX11661_1111 MAXIM-MAX11661_1111 Datasheet
2Mb / 28P
   500ksps, Low-Power, Serial 12-/10-/8-Bit ADCs
Rev 3; 11/11
MAX11661_1204 MAXIM-MAX11661_1204 Datasheet
2Mb / 28P
   500ksps, Low-Power,Serial 12-/10-/8-Bit ADCs
Rev 5; 4/12
MAX11120 MAXIM-MAX11120 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 0; 12/11
MAX11120_V2 MAXIM-MAX11120_V2 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
Rev 2; 6/12
MAX11120 MAXIM-MAX11120_V01 Datasheet
1Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit, 4-/8-/16-Channel ADCs
2019
MAX11120 MAXIM-MAX11120_12 Datasheet
3Mb / 40P
   1Msps, Low-Power, Serial 12-/10-/8-Bit,4-/8-/16-Channel ADCs
Rev 1; 4/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com