Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17600ASA+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX17600ASA+
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17600ASA+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX17600ASA+ Datasheet HTML 1Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 2Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 3Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17600ASA+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
4
ELECTRICAL CHARACTERISTICS (continued)
(VDD = 12V, CL = 0F, at TA = -40NC to +125NC, unless otherwise noted. Typical values are specified at TA = +25NC. Parameters
specified at VDD = 4V apply to the TTL versions only.) (Note 2)
Typical Operating Characteristics
(CL = 1nF, TA = +25NC, unless otherwise noted.)
Note 2: All devices are production tested at TA = +25NC. Limits over temperature are guaranteed by design.
Note 3: Design guaranteed by bench characterization. Limits are not production tested.
Note 4: For SOIC package options, these are only Typ parameters.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Turn-On Delay Time
tD-ON
CL = 1nF
12
ns
Turn-Off Delay Time
tD-OFF
CL = 1nF
12
ns
MATCHING CHARACTERISTICS (Note 3)
Matching Propagation Delays
Between Channel A and Channel B
VDD = 14V, CL = 10nF
8
ns
RISE TIME vs. SUPPLY VOLTAGE
(COUT_ = 1nF)
SUPPLY VOLTAGE, VDD (V)
12
10
6
8
2.5
3.0
3.5
4.0
5.0
4.5
5.5
6.0
2.0
414
TA = +125°C
TA = +25°C
TA = +85°C
TA = 0°C
TA = -40°C
FALL TIME vs. SUPPLY VOLTAGE
(COUT_ = 1nF)
SUPPLY VOLTAGE, VDD (V)
12
10
6
8
2.5
3.0
3.5
4.0
4.5
5.0
1.5
2.0
414
TA = +125°C
TA = +25°C
TA = +85°C
TA = 0°C
TA = -40°C
PROPAGATION DELAY TIME (LOW TO HIGH)
vs. SUPPLY VOLTAGE (COUT_ = 1nF)
SUPPLY VOLTAGE, VDD (V)
12
10
8
6
10
12
14
16
18
8
414
TA = +25°C
TA = +85°C
TA = 0°C
TA = -40°C
TA = +125°C
PROPAGATION DELAY TIME (HIGH TO LOW)
vs. SUPPLY VOLTAGE (COUT_ = 1nF)
SUPPLY VOLTAGE, VDD (V)
12
10
8
6
10
12
14
16
18
8
414
TA = +25°C
TA = +85°C
TA = 0°C
TA = -40°C
TA = +125°C
SUPPLY CURRENT vs. SUPPLY VOLTAGE
(COUT_ = 0nF)
SUPPLY VOLTAGE, VDD (V)
12
10
8
6
1.0
1.5
2.0
2.5
3.0
500kHz
0.5
414
1MHz
100kHz
NO SWITCHING
SUPPLY CURRRENT vs. LOAD CAPACITANCE
(VDD = 12V, COUTB = 0nF)
LOAD CAPACITANCE (nF)
9
8
6
7
2
3
4
5
1
10
20
30
40
50
60
70
80
90
100
110
120
130
140
0
010
1MHz
500kHz
100kHz
NO
SWITCHING


Similar Part No. - MAX17600ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600ASA++ MAXIM-MAX17600ASA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17600ASA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com