Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX44260AYT+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX44260AYT+
Description  1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX44260AYT+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX44260AYT+ Datasheet HTML 5Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 6Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 7Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 8Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 9Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 10Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 11Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 12Page - Maxim Integrated Products MAX44260AYT+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
MAX44260/MAX44261
1.8V 15MHz Low-Offset,
Low-Power, Rail-to-Rail I/O Op Amps
Pin Description
Pin Configurations
PIN
NAME
FUNCTION
MAX44260
MAX44261
1
1
IN+
Positive Input
2
2
VSS
Negative Power Supply. Bypass with a 0.1FF capacitor to ground.
3
3
IN-
Negative Input
4
4
OUT
Output
5
CAL
Active-Low Calibrate Input
5
SHDN
Active-Low Shutdown
6
6
VDD
Positive Power Supply. Bypass with a 0.1FF capacitor to ground.
TOP VIEW
NOT TO SCALE
SC70
VSS 2
IN+ 1
IN- 3
SHDN
5
VDD
6
OUT
4
MAX44260
SC70
VSS 2
IN+ 1
IN- 3
CAL
5
VDD
+
+
6
OUT
4
MAX44261
12
3
65
4
VDD
OUT
SHDN
IN+
+
IN-
VSS
Thin µDFN
(Ultra-Thin LGA)
MAX44260


Similar Part No. - MAX44260AYT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260AYT++ MAXIM-MAX44260AYT+ Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260AYT++ MAXIM-MAX44260AYT+ Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
More results

Similar Description - MAX44260AYT+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX44260_1108 MAXIM-MAX44260_1108 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 1; 8/11
MAX44260 MAXIM-MAX44260_12 Datasheet
2Mb / 16P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2; 2/12
MAX44259 MAXIM-MAX44259_V01 Datasheet
1,007Kb / 14P
   1.8V, 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps
2019
MAX44260 MAXIM-MAX44260 Datasheet
2Mb / 14P
   1.8V 15MHz Low-Offset, Low-Power, Rail-to-Rail I/O Op Amps 500fA Low Input Bias Current
Rev 0; 6/11
MAX44280 MAXIM-MAX44280 Datasheet
2Mb / 16P
   1.8V, 50MHz, Low-Offset, Low-Power, Rail-to-Rail I/O Op Amp
Rev 1; 4/12
MAX44259 MAXIM-MAX44259 Datasheet
969Kb / 14P
   Low-Power, Rail-to-Rail I/O Op Amps
Rev 7; 9/14
MAX4291 MAXIM-MAX4291 Datasheet
397Kb / 16P
   Ultra-Small, 1.8V, μPower, Rail-to-Rail I/O Op Amps
Rev 0; 3/00
logo
Unisonic Technologies
LV2622 UTC-LV2622_15 Datasheet
215Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
LV2622 UTC-LV2622_17 Datasheet
214Kb / 8P
   LOW VOLTAGE RAIL-TO-RAIL I/O CMOS DUAL OP AMPS
logo
Maxim Integrated Produc...
MAX9636 MAXIM-MAX9636_11 Datasheet
2Mb / 16P
   3V/5V Low-Power, Low-Noise, CMOS, Rail-to-Rail I/O Op Amps
Rev 2; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com