Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3468 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3468
Description  5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3468 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3468 Datasheet HTML 1Page - Maxim Integrated Products MAX3468 Datasheet HTML 2Page - Maxim Integrated Products MAX3468 Datasheet HTML 3Page - Maxim Integrated Products MAX3468 Datasheet HTML 4Page - Maxim Integrated Products MAX3468 Datasheet HTML 5Page - Maxim Integrated Products MAX3468 Datasheet HTML 6Page - Maxim Integrated Products MAX3468 Datasheet HTML 7Page - Maxim Integrated Products MAX3468 Datasheet HTML 8Page - Maxim Integrated Products MAX3468 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
+5V, Fail-Safe, 40Mbps, Profibus RS-485/
RS-422 Transceivers
2
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC) to GND ..................................-0.3V to +6V
Control Input Voltage (RE, DE, DI, SHDN, TXP, RXP)
to GND....................................................-0.3V to (VCC + 0.3V)
Driver Output Voltage (Y, Z) to GND .........................-8V to +13V
Receiver Input Voltage (A, B) to GND.......................-8V to +13V
Differential Driver Output Voltage (Y - Z) ...............................±8V
Differential Receiver Input (A - B) ..........................................±8V
Receiver Output Voltage (RO) to GND.......-0.3V to (VCC + 0.3V)
Output Driver Current (Y, Z) ...........................................±250mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
DIP (derate 9.09mW/°C above +70°C) ........................727mW
SO (derate 8.33mW/°C above +70°C) .........................667mW
DIP (derate 10mW/°C above +70°C) ...........................800mW
Operating Temperature Range
MAX346_C__ ......................................................0°C to +70°C
MAX346_E__....................................................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow)
Lead(Pb)-Free..............................................................+260°C
Containing Lead(Pb)....................................................+240°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Range
VCC
4.75
5.25
V
DRIVER
Differential Driver Output
(No Load)
VOD
Figure 5, R =
VCC
V
Differential Driver Output
VOD
Figure 5, R = 27
Ω
2.1
V
Change in Magnitude of
Differential Output Voltage
ΔVOD
Figure 5, R = 50
Ω or 27Ω (Note 2)
0.2
V
Driver Common-Mode Output
Voltage
VOC
Figure 5, R = 50
Ω or 27Ω
3V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
Figure 5, R = 50
Ω or 27Ω (Note 2)
0.2
V
Input High Voltage
VIH
DE, DI, RE, SHDN
2.0
V
Input Low Voltage
VIL
DE, DI, RE, SHDN
0.8
V
Input Hysteresis
VHYS
DE, DI, RE, SHDN
50
mV
VIN = +12V
+125
Output Leakage (Y and Z) Full
Duplex
IO
DE = GND, VCC =
GND or +5.25V
VIN = -7V
-100
µA
Input Current
IIN
DI, RE, DE, SHDN
±1µA
Pulldown Current
RXP = TXP = VCC
515
30
µA
0
≤ VOUT ≤ +12V, output low
+250
Driver Short-Circuit Output
Current (Note 3)
IOSD
-7V
≤ VOUT ≤ VCC, output high
-250
mA
(VCC - 1V)
≤ VOUT ≤ +12V, output low
+25
Driver Short-Circuit Foldback
Output Current (Note 3)
IOSFD
-7V
≤ VOUT ≤ +1V, output high
-25
mA
Thermal Shutdown Threshold
140
°C
RECEIVER
Differential Input Capacitance
CA, B
Between A and B
8
pF
VIN = +12V
+250
Input Current (A and B) Full
Duplex
IA, B
DE = GND,
VCC = GND or +5.25V
VIN = -7V
-200
µA


Similar Part No. - MAX3468

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3468 MAXIM-MAX3468 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3468 MAXIM-MAX3468 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3468CPA MAXIM-MAX3468CPA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3468CPA MAXIM-MAX3468CPA Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3468CSA MAXIM-MAX3468CSA Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
More results

Similar Description - MAX3468

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3465 MAXIM-MAX3465 Datasheet
309Kb / 14P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 0; 10/03
MAX3465 MAXIM-MAX3465_09 Datasheet
225Kb / 13P
   5V, Fail-Safe, 40Mbps, Profibus RS-485/RS-422 Transceivers
Rev 2; 8/09
MAX3460 MAXIM-MAX3460 Datasheet
376Kb / 14P
   5V, Fail-Safe, 20Mbps, Profibus RS-485/ RS-422 Transceivers
Rev 1; 2/03
logo
Renesas Technology Corp
ISL3159E RENESAS-ISL3159E Datasheet
1Mb / 17P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS, Full Fail-Safe, RS-485/RS-422 Transceiver
logo
Intersil Corporation
ISL3159E INTERSIL-ISL3159E Datasheet
672Kb / 16P
   짹15kV ESD Protected, 125째C, 40Mbps, 5V, PROFIBUS짰, Full Fail-safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
ISL3159EIBZ INTERSIL-ISL3159EIBZ Datasheet
703Kb / 16P
   ±15kV ESD Protected, 125°C, 40Mbps, 5V, PROFIBUS™, Full Fail-safe, RS-485/RS-422 Transceiver
August 25, 2015
ISL3179EFBZ INTERSIL-ISL3179EFBZ Datasheet
747Kb / 18P
   High ESD Protected, 125°C, 40Mbps, 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
August 25, 2015
ISL4486 INTERSIL-ISL4486 Datasheet
550Kb / 11P
   5V, Ultra High Speed, PROFIBUS, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com