Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAXQ618X-0000+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAXQ618X-0000+
Description  16-Bit Microcontroller with Infrared Module
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAXQ618X-0000+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAXQ618X-0000+ Datasheet HTML 6Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 7Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 8Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 9Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 10Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 11Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 12Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 13Page - Maxim Integrated Products MAXQ618X-0000+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MAXQ618
16-Bit Microcontroller with Infrared Module
10
Pin Description (continued)
PIN
NAME
FUNCTION
BARE DIE
TQFN-EP
Port 1 General-Purpose, Digital I/O Pins with Interrupt Capability. These port pins
function as general-purpose I/O pins with their input and output states controlled by
the PD1, PO1, and PI1 registers. All port pins default to high-impedance mode after a
reset. Software must configure these pins after release from reset to remove the high-
impedance condition. All external interrupts must be enabled from software before they
can be used.
GPIO PORT PIN
EXTERNAL INTERRUPT
33
33
P1.0/INT0
P1.0
INT0
35
34
P1.1/INT1
P1.1
INT1
36
35
P1.2/INT2
P1.2
INT2
38
36
P1.3/INT3
P1.3
INT3
39
37
P1.4/INT4
P1.4
INT4
40
38
P1.5/INT5
P1.5
INT5
41
39
P1.6/INT6
P1.6
INT6
42
40
P1.7/INT7
P1.7
INT7
Port 2 General-Purpose, Digital I/O Pins. These port pins function as general-purpose
I/O pins with their input and output states controlled by the PD2, PO2, and PI2 registers.
All port pins default to high-impedance mode after a reset. Software must configure
these pins after release from reset to remove the high-impedance condition. All special
functions must be enabled from software before they can be used.
GPIO PORT PIN
SPECIAL FUNCTION
9
8
P2.0/MOSI
P2.0
SPI: Master Out-Slave In
10
9
P2.1/MISO
P2.1
SPI: Master In-Slave Out
11
10
P2.2/SCLK
P2.2
SPI: Slave Clock
12
11
P2.3/SSEL
P2.3
SPI: Active-Low Slave Select
28
29
P2.4/TCK
P2.4
JTAG: Test Clock
29
30
P2.5/TDI
P2.5
JTAG: Test Data In
30
31
P2.6/TMS
P2.6
JTAG: Test Mode Select
31
32
P2.7/TDO
P2.7
JTAG: Test Data Out
Port 3 General-Purpose, Digital I/O Pins with Interrupt Capability. These port pins
function as general-purpose I/O pins with their input and output states controlled by
the PD3, PO3, and PI3 registers. All port pins default to high-impedance mode after a
reset. Software must configure these pins after release from reset to remove the high-
impedance condition. All external interrupts must be enabled from software before they
can be used.
GPIO PORT PIN
EXTERNAL INTERRUPT
19
18
P3.0/INT8
P3.0
INT8
20
19
P3.1/INT9
P3.1
INT9
21
20
P3.2/INT10
P3.2
INT10
22
21
P3.3/INT11
P3.3
INT11
23
22
P3.4/INT12
P3.4
INT12
24
23
P3.5/INT13
P3.5
INT13
25
24
P3.6/INT14
P3.6
INT14
26
25
P3.7/INT15
P3.7
INT15


Similar Part No. - MAXQ618X-0000+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ610 MAXIM-MAXQ610 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ610-KIT MAXIM-MAXQ610-KIT Datasheet
847Kb / 20P
   MAXQ610 Evaluation Kit
19-5765; Rev 3; 10/13
MAXQ610-KIT# MAXIM-MAXQ610-KIT# Datasheet
847Kb / 20P
   MAXQ610 Evaluation Kit
19-5765; Rev 3; 10/13
More results

Similar Description - MAXQ618X-0000+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ610 MAXIM-MAXQ610 Datasheet
2Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 1; 11/08
MAXQ61H MAXIM-MAXQ61H_10 Datasheet
226Kb / 23P
   16-BIt Microcontroller with Infrared Module
19-4604; Rev 2; 5/10
MAXQ61H MAXIM-MAXQ61H_12 Datasheet
255Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 3; 3/12
MAXQ614 MAXIM-MAXQ614 Datasheet
1Mb / 22P
   16-Bit Microcontroller with Infrared Module
Rev 2; 10/12
MAXQ610 MAXIM-MAXQ610_10 Datasheet
344Kb / 29P
   16-Bit Microcontroller with Infrared Module
Rev 5; 2/10
MAXQ61C MAXIM-MAXQ61C Datasheet
1Mb / 27P
   16-Bit Microcontroller with Infrared Module
Rev 0; 4/10
MAXQ613 MAXIM-MAXQ613 Datasheet
1Mb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 4; 7/12
MAXQ61H MAXIM-MAXQ61H Datasheet
257Kb / 23P
   16-Bit Microcontroller with Infrared Module
Rev 1; 7/09
MAXQ610 MAXIM-MAXQ610_09 Datasheet
294Kb / 28P
   16-Bit Microcontroller with Infrared Module
Rev 3; 7/09
MAXQ610 MAXIM-MAXQ610_11 Datasheet
1Mb / 29P
   16-Bit Microcontroller with Infrared Module 1.70V to 3.6V Operating Voltage Range
Rev 6; 7/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com