Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17602AUA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX17602AUA+
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17602AUA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX17602AUA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 9Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 10Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 11Page - Maxim Integrated Products MAX17602AUA+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
10
Undervoltage Lockout (UVLO)
When VDD is below the UVLO threshold, the output
stage n-channel device is on and the p-channel is off,
independent of the state of the inputs. This holds the
outputs low. The UVLO is typically 3.6V with 200mV
typical hysteresis to avoid chattering. A typical falling
delay of 2Fs makes the UVLO immune to narrow negative
transients in noisy environments.
Driver Outputs
The devices feature 4A peak sourcing/sinking capa-
bilities to provide fast rise and fall times of the MOSFET
gate. Add a resistor in series with OUT_ to slow the cor-
responding rise/fall time of the MOSFET gate.
Applications Information
Supply Bypassing, Device
Grounding, and Placement
Ample supply bypassing and device grounding are
extremely important because when large external
capacitive loads are driven, the peak current at the VDD
pin can approach 4A, while at the GND pin, the peak
current can approach 4A. VDD drops and ground shifts
are forms of negative feedback for inverters and, if
excessive, can cause multiple switching when the
inverting input is used and the input slew rate is low. The
device driving the input should be referenced to the devic-
es’ GND pin, especially when the inverting input is used.
Ground shifts due to insufficient device grounding can
disturb other circuits sharing the same AC ground return
path. Any series inductance in the VDD, OUT_, and/or
GND paths can cause oscillations due to the very high
di/dt that results when the devices are switched with any
capacitive load. A 2.2FF or larger value ceramic
capacitor is recommended, bypassing VDD to GND and
placed as close as possible to the pins. When driving
very large loads (e.g., 10nF) at minimum rise time, 10FF or
more of parallel storage capacitance is recommended. A
ground plane is highly recommended to minimize ground
return resistance and series inductance. Care should be
taken to place the devices as close as possible to the
external MOSFET being driven to further minimize board
inductance and AC path resistance.
Power Dissipation
Power dissipation of the devices consists of three
components, caused by the quiescent current, capacitive
charge and discharge of internal nodes, and the output
current (either capacitive or resistive load). The sum of
these components must be kept below the maximum
power-dissipation limit.
The quiescent current is 1mA typical. The current
required to charge and discharge the internal nodes
is frequency dependent (see the Typical Operating
Characteristics). The devices’ power dissipation when
driving a ground referenced resistive load is:
P = D x RON (MAX) x ILOAD2 per channel
where D is the fraction of the period the devices’ output
pulls high, RON (MAX) is the maximum pullup on-resist-
ance of the device with the output high, and ILOAD is the
output load current of the devices.
For capacitive loads, the power dissipation is:
P = CLOAD x (VDD)2 x FREQ per channel
where CLOAD is the capacitive load, VDD is the supply
voltage, and FREQ is the switching frequency.
Layout Information
The devices’ MOSFET drivers source and sink large
currents to create very fast rise and fall edges at the
gate of the switching MOSFET. The high di/dt can cause
unacceptable ringing if the trace lengths and
impedances are not well controlled. The following PCB
layout guidelines are recommended when designing with
the devices:
• Placeatleastone2.2FF decoupling ceramic capacitor
from VDD to GND as close as possible to the IC. At least
one storage capacitor of 10FF (min) should be located
on the PCB with a low-resistance path to the VDD pin
of the devices. There are two AC current loops formed
between the IC and the gate of the MOSFET being
driven. The MOSFET looks like a large capacitance
from gate to source when the gate is being pulled low.
The active current loop is from OUT_ of the devices to
the MOSFET gate to the MOSFET source and to GND
of the devices. When the gate of the MOSFET is being
pulled high, the active current loop is from OUT_ of the
devices to the MOSFET gate to the MOSFET source to
the GND terminal of the decoupling capacitor to the
VDD terminal of the decoupling capacitor and to the
VDD terminal of the devices. While the charging current
loop is important, the discharging current loop is also
critical. It is important to minimize the physical distance
and the impedance in these AC current paths.
• In a multilayer PCB, the component surface layer
surrounding the devices should consist of a ground plane
containing the discharging and charging current loops.


Similar Part No. - MAX17602AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17602AUA++ MAXIM-MAX17602AUA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17602AUA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com