Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17604ATA+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17604ATA+
Description  4A Sink /Source Current, 12ns, Dual MOSFET Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17604ATA+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17604ATA+ Datasheet HTML 4Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 5Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 6Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 7Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 8Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 9Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 10Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 11Page - Maxim Integrated Products MAX17604ATA+ Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MAX17600–MAX17605
4A Sink /Source Current, 12ns, Dual MOSFET Drivers
9
Detailed Description
The MAX17600–MAX17605 are high-speed MOSFET
drivers capable of sinking/sourcing 4A peak currents.
The devices have various inverting and noninverting part
options that provide greater flexibility in controlling the
MOSFET. The devices have internal logic circuitry that
prevents shoot-through during output-state changes.
The logic inputs are protected against voltage spikes
up to +16V, regardless of VDD voltage. Propagation
delay time is minimized and matched between the dual
channels. The devices have very fast switching time,
combined with short propagation delays (12ns typ),
making them ideal for high-frequency circuits. The
devices operate from a +4V to +14V single power
supply and typically consume 1mA of supply current.
The MAX17600/MAX17601/MAX17602 have standard
TTL input logic levels, while the MAX17603/MAX17604/
MAX17605 have CMOS-like high-noise margin (HNM)
input logic levels. The MAX17600/MAX17603 are dual
inverting input drivers, the MAX17601/MAX17604 are
dual noninverting input drivers, and the MAX17602/
MAX17605 have one noninverting and one inverting
input. These devices are provided with enable pins
(ENA and ENB) for better control of driver operation.
Logic Inputs
The MAX17600/MAX17601/MAX17602 have standard
TTL input logic levels, while the MAX17603/MAX17604 /
MAX17605 have CMOS-like HNM input logic levels (see
the Electrical Characteristics table). Table 1 gives the
truth table for various part options.
Figure 3. Timing Diagram for the MAX17600/MAX17603
L = Logic-low, H = Logic-high.
Figure 4. Test Circuit for the Timing Diagrams
Table 1. Truth Table
ENABLE
INPUTS
LOGIC
INPUTS
DUAL NONINVERTING
DRIVER
DUAL INVERTING
DRIVER
ONE INVERTING AND ONE
NONINVERTING DRIVER
ENA
ENB
INA
INB
OUTA
OUTB
OUTA
OUTB
OUTA
OUTB
H
H
H
H
H
H
L
L
L
H
H
H
H
L
H
L
L
H
L
L
H
H
L
H
L
H
H
L
H
H
H
H
L
L
L
L
H
H
H
L
L
L
X
X
L
L
L
L
L
L
10%
90%
VIL
VIH
tR
tF
INA
OUTA
tD-ON
tD-OFF
10%
90%
VIL
VIH
tR
tF
INB
OUTB
tD-ON
tD-OFF
MAX17600
MAX17601
MAX17602
MAX17603
MAX17604
MAX17605
ENA
INA
GND
COUTB
COUTA
INB
ENB
OUTA
VDD
VDD
OUTB


Similar Part No. - MAX17604ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17604ATA++ MAXIM-MAX17604ATA+ Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
More results

Similar Description - MAX17604ATA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17600 MAXIM-MAX17600_17 Datasheet
1Mb / 13P
   4A Sink/Source Current, 12ns, Dual MOSFET Drivers
Rev 2; 6/17
MAX15070A MAXIM-MAX15070A_V01 Datasheet
829Kb / 10P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
2019
MAX15070A MAXIM-MAX15070A Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 1; 11/11
MAX15070A MAXIM-MAX15070A_13 Datasheet
1Mb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Drivers
Rev 3; 5/13
MAX25615 MAXIM-MAX25615 Datasheet
808Kb / 9P
   7A Sink, 3A Source, 12ns, SOT23 MOSFET Driver
Rev 2; 11/18
logo
IXYS Corporation
IXD_604 IXYS-IXD_604 Datasheet
320Kb / 13P
   4A Peak Source/Sink Drive Current
logo
Maxim Integrated Produc...
MAX15024 MAXIM-MAX15024 Datasheet
247Kb / 16P
   Single/Dual, 16ns, High Sink/Source Current Gate Drivers
Rev 0; 10/07
MAX15024 MAXIM-MAX15024_10 Datasheet
217Kb / 16P
   Single/Dual, 16ns, High Sink/source Current Gate Drivers
Rev 2; 4/10
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com